Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

STM32F038X6 Datasheet(PDF) 98 Page - STMicroelectronics

Part # STM32F038X6
Description  Clock management
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F038X6 Datasheet(HTML) 98 Page - STMicroelectronics

Back Button STM32F038X6 Datasheet HTML 94Page - STMicroelectronics STM32F038X6 Datasheet HTML 95Page - STMicroelectronics STM32F038X6 Datasheet HTML 96Page - STMicroelectronics STM32F038X6 Datasheet HTML 97Page - STMicroelectronics STM32F038X6 Datasheet HTML 98Page - STMicroelectronics STM32F038X6 Datasheet HTML 99Page - STMicroelectronics STM32F038X6 Datasheet HTML 100Page - STMicroelectronics STM32F038X6 Datasheet HTML 101Page - STMicroelectronics STM32F038X6 Datasheet HTML 102Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 98 / 102 page
background image
Ordering information
STM32F038x6
98/102
DocID026079 Rev 5
8
Ordering information
For a list of available options (memory, package, and so on) or for further information on any
aspect of this device, please contact your nearest ST sales office.
Table 67. Ordering information scheme
Example:STM32
F
038 G
6
T
6
x
Device family
STM32 = ARM-based 32-bit microcontroller
Product type
F = General-purpose
Sub-family
038 = STM32F038xx
Pin count
F = 20 pins
E = 25 pins
G = 28 pins
K = 32 pins
C = 48 pins
User code memory size
6 = 32 Kbyte
Package
P = TSSOP
U = UFQFPN
T = LQFP
Y = WLCSP
Temperature range
6 = –40 °C to +85 °C
7 = –40 °C to +105 °C
Options
xxx = code ID of programmed parts (includes packing type)
TR = tape and reel packing
blank = tray packing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com