Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

ATS684LSN Datasheet(PDF) 4 Page - Allegro MicroSystems

Part # ATS684LSN
Description  Two-Wire, Zero-Speed Differential Gear Tooth Sensor IC
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

ATS684LSN Datasheet(HTML) 4 Page - Allegro MicroSystems

  ATS684LSN Datasheet HTML 1Page - Allegro MicroSystems ATS684LSN Datasheet HTML 2Page - Allegro MicroSystems ATS684LSN Datasheet HTML 3Page - Allegro MicroSystems ATS684LSN Datasheet HTML 4Page - Allegro MicroSystems ATS684LSN Datasheet HTML 5Page - Allegro MicroSystems ATS684LSN Datasheet HTML 6Page - Allegro MicroSystems ATS684LSN Datasheet HTML 7Page - Allegro MicroSystems ATS684LSN Datasheet HTML 8Page - Allegro MicroSystems ATS684LSN Datasheet HTML 9Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
Two-Wire, Zero-Speed
Differential Gear Tooth Sensor IC
ATS684LSN
4
Allegro MicroSystems, LLC
115 Northeast Cutoff
Worcester, Massachusetts 01615-0036 U.S.A.
1.508.853.5000; www.allegromicro.com
Characteristics
Symbol
Test Conditions
Min.
Typ.[1]
Max.
Unit[2]
FUNCTIONAL CHARACTERISTICS
Operating Signal Range[9]
BSIG
Differential magnetic signal, duty cycle within
specification
50
1500
GPK-PK
Extended Operating Signal Range
BSIGEXT
Differential magnetic signal, output switching (no
missed edges), duty cycle not guaranteed
30
GPK-PK
Operational Air Gap Range
AGOP
Using Allegro Reference Target 60-0, duty cycle
within specification
0.5
2.5
mm
Extended Operational Air Gap Range
AGEXT
Using Allegro Reference Target 60-0, output
switching (no missed edges), duty cycle not
guaranteed
3.0
mm
Allowable User-Induced Differential
Offset
BDIFFEXT Operation within specification
±60
G
Duty Cycle Variation[10]
ΔD
Wobble < 0.5 mm, AG within specification
±10
%
Maximum Sudden Signal Amplitude
Change
BSIG(INST)
Instantaneous symmetric magnetic signal
amplitude change, measured as a percentage of
peak-to-peak BSIG, fOP < 500 Hz
45
%
1
Typical values are at TA = 25°C and VCC = 12 V. Performance may vary for individual units, within the specified maximum and minimum limits.
2
1 G (gauss) = 0.1 mT (millitesla).
3
Maximum voltage must be adjusted for power dissipation and junction temperature; see Power Derating section.
4
Negative current is defined as conventional current coming out of (sourced from) the specified device terminal.
5
Measured from VCC ≥ VCC(min) to the time when the device is able to switch the output signal in response to a magnetic stimulus.
6
Please refer to the Functional Description, Power-On section.
7
Guaranteed by device charaterization.
8
For power-on frequency, fOP < 200 Hz. Higher power-on frequencies may result in more input magnetic cycles until full output edge accuracy is achieved, including
the possibility of missed output edges.
9
AGOP is dependent on the available magnetic field. The available field is dependent on target geometry and material, and should be independently characterized.
10
Target rotation from pin 3 to pin 1.
OPERATING CHARACTERISTICS (continued): VCC and TA within specif ication, unless otherwise noted



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com