| Electronic Components Datasheet Search |
|
ATS684LSN Datasheet(PDF) 1 Page - Allegro MicroSystems |
|
|
|||||||||||||||||||||||||||||
ATS684LSN Datasheet(HTML) 1 Page - Allegro MicroSystems |
|
1 / 16 page ![]() • Integrated package solution offers EMI protection, industry-proven IC, and back-bias magnet in a single overmolded, user-friendly package • Advanced algorithm design provides immunity to signal perturbations from vibration, ferrous debris, target eccentricities, and harsh automotive operating conditions • Adaptive threshold sensing optimizes output performance on a wide range of target types • Integrated Scan, Iddq, and Built-In Self-Test capabilities on an automotive-grade semiconductor process provide dependability essential in the safety-conscious automotive market The ATS684LSN is an optimized, industry-proven, Hall- effect integrated circuit (IC), rare-earth pellet, and high- temperatureceramiccapacitorinasingleovermoldedpackage. The integrated capacitor reduces the need for external EMI protection. The Hall-effect IC is a differential dual element designcapableofprovidingstable,signalperturbation-immune, output performance for speed sensing applications. The back-bias magnet creates a differential magnetic signal in the presenceofarotatingferromagnetictarget.Thisfullyintegrated solutioneliminatestheneedforadditionalmanufacturingsteps throughout the supply chain, simplifying the overall system design. The single overmold design integrates the key operating components to reduce mechanical tolerances and achieve optimal operating performance every time. Built-in test capability and an automotive-grade semiconductor process ensures the quality and reliability that automotive companies demand. The advanced algorithms and two-wire regulated current output provide an ideal solution for obtaining edge and duty cycle information in gear-tooth-based applications such as transmission speed. The ATS684 is provided in a lead (Pb) free 3-pin back-biased SIP package (suffix SN) with tin leadframe plating. ATS684LSN-DS, Rev. 7 Two-Wire, Zero-Speed Differential Gear Tooth Sensor IC PACKAGE: 3-pin SIP (suffix SN) Functional Block Diagram Not to scale ATS684LSN VCC GND + – Voltage Regulator Hall Amp Offset Adjust AGC PDAC NDAC Reference Generator and Lockout Synchronous Digital Controller FEATURES AND BENEFITS DESCRIPTION March 9, 2017 |
Similar Part No. - ATS684LSN |
|
Similar Description - ATS684LSN |
|
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |