Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

ATS684LSN Datasheet(PDF) 3 Page - Allegro MicroSystems

Part # ATS684LSN
Description  Two-Wire, Zero-Speed Differential Gear Tooth Sensor IC
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

ATS684LSN Datasheet(HTML) 3 Page - Allegro MicroSystems

  ATS684LSN Datasheet HTML 1Page - Allegro MicroSystems ATS684LSN Datasheet HTML 2Page - Allegro MicroSystems ATS684LSN Datasheet HTML 3Page - Allegro MicroSystems ATS684LSN Datasheet HTML 4Page - Allegro MicroSystems ATS684LSN Datasheet HTML 5Page - Allegro MicroSystems ATS684LSN Datasheet HTML 6Page - Allegro MicroSystems ATS684LSN Datasheet HTML 7Page - Allegro MicroSystems ATS684LSN Datasheet HTML 8Page - Allegro MicroSystems ATS684LSN Datasheet HTML 9Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
Two-Wire, Zero-Speed
Differential Gear Tooth Sensor IC
ATS684LSN
3
Allegro MicroSystems, LLC
115 Northeast Cutoff
Worcester, Massachusetts 01615-0036 U.S.A.
1.508.853.5000; www.allegromicro.com
Characteristics
Symbol
Test Conditions
Min.
Typ.[1]
Max.
Unit[2]
ELECTRICAL CHARACTERISTICS
Supply Voltage[3]
VCC
Operating, TJ < TJ(max), required across pin 1
to pin 3
4.0
24
V
Undervoltage Lockout
VCC(UV)
VCC 0 → 5 V or 5 → 0 V
3.5
3.95
V
Reverse Supply Current[4]
IRCC
VCC = VRCC (MAX)
–10
mA
Supply Zener Clamp Voltage
VZSUPPLY ICC = ICC(HIGH) + 3 mA, TA = 25°C
28
V
Supply Zener Current
IZSUPPLY TA = 25°C, VCC = 28 V
19
mA
Supply Current
ICC(Low)
Low-current state
4
6
8
mA
ICC(High) High-current state
12
14
16
mA
Supply Current Ratio
ICC(High)
/ ICC(Low)
Ratio of high current to low current
1.85
3.05
POWER-ON STATE CHARACTERISTICS
Power-On Time[5]
tPO
VCC > VCC(min), fOP < 100 Hz
1
2
ms
Power-On State[6]
POS
t > tPO
ICC(High)
mA
OUTPUT STAGE
Output Rise Time[7]
tr
Corresponds to measured output slew rate, from
10% to 90% ICC level
CSUPPLY, RSENSE = 100 Ω
0
2
4
μs
Output Fall Time[7]
tr
Corresponds to measured output slew rate, from
90% to 10% ICC level
CSUPPLY, RSENSE = 100 Ω
0
2
4
μs
PERFORMANCE CHARACTERISTICS
Operating Frequency
fOP
0
12
kHz
Analog Signal Bandwidth
BW
16
20
kHz
Operate Point
BOP
% of peak-to-peak BSIG, AGOP within
specification
70
%
Release Point
BRP
% of peak-to-peak BSIG, AGOP within
specification
30
%
Running Mode Lockout Enable
Threshold
VLOE(RM)
At peak-to-peak VPROC < VLOE(RM), output
switching disables
170
mV
Running Mode Lockout Release
Threshold
VLOR(RM)
At peak-to-peak VPROC > VLOR(RM), output
switching enables
200
mV
CALIBRATION
Start Mode Hysteresis
POHYS
VLOR(RM)
mV
Initial Calibration[8]
CALI
Rising output (current) edges, fOP < 200 Hz
3
edges
Continued on the next page…
OPERATING CHARACTERISTICS: VCC and TA within specif ication, unless otherwise noted



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com