Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

M95M01-DF Datasheet(PDF) 31 Page - STMicroelectronics

Part # M95M01-DF
Description  1-Mbit serial SPI bus EEPROM
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M95M01-DF Datasheet(HTML) 31 Page - STMicroelectronics

Back Button M95M01-DF Datasheet HTML 27Page - STMicroelectronics M95M01-DF Datasheet HTML 28Page - STMicroelectronics M95M01-DF Datasheet HTML 29Page - STMicroelectronics M95M01-DF Datasheet HTML 30Page - STMicroelectronics M95M01-DF Datasheet HTML 31Page - STMicroelectronics M95M01-DF Datasheet HTML 32Page - STMicroelectronics M95M01-DF Datasheet HTML 33Page - STMicroelectronics M95M01-DF Datasheet HTML 34Page - STMicroelectronics M95M01-DF Datasheet HTML 35Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 51 page
background image
DocID13264 Rev 14
31/51
M95M01-DF M95M01-R
Power-up and delivery state
37
7
Power-up and delivery state
7.1
Power-up state
After power-up, the device is in the following state:
Standby power mode,
deselected (after power-up, a falling edge is required on Chip Select (S) before any
instructions can be started),
not in the Hold condition,
the Write Enable Latch (WEL) is reset to 0,
Write In Progress (WIP) is reset to 0.
The SRWD, BP1 and BP0 bits of the Status Register are unchanged from the previous
power-down (they are non-volatile bits).
7.2
Initial delivery state
The device is delivered with the memory array bits and identification page bits set to all 1s
(each byte = FFh). The Status Register Write Disable (SRWD) and Block Protect (BP1 and
BP0) bits are initialized to 0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com