Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

M95M01-DF Datasheet(PDF) 36 Page - STMicroelectronics

Part # M95M01-DF
Description  1-Mbit serial SPI bus EEPROM
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M95M01-DF Datasheet(HTML) 36 Page - STMicroelectronics

Back Button M95M01-DF Datasheet HTML 32Page - STMicroelectronics M95M01-DF Datasheet HTML 33Page - STMicroelectronics M95M01-DF Datasheet HTML 34Page - STMicroelectronics M95M01-DF Datasheet HTML 35Page - STMicroelectronics M95M01-DF Datasheet HTML 36Page - STMicroelectronics M95M01-DF Datasheet HTML 37Page - STMicroelectronics M95M01-DF Datasheet HTML 38Page - STMicroelectronics M95M01-DF Datasheet HTML 39Page - STMicroelectronics M95M01-DF Datasheet HTML 40Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 51 page
background image
DC and AC parameters
M95M01-DF M95M01-R
36/51
DocID13264 Rev 14
Table 15. AC characteristics
Test conditions specified in Table 8, Table 9 and Table 10
Symbol Alt.
Parameter
VCC
1.7 V(1)
VCC
1.8 V(2)
VCC
2.5 V(3)
VCC
4.5 V(1)
Unit
Min.
Max.
Min.
Max.
Min.
Max.
Min.
Max.
fC
fSCK Clock frequency
DC
2
DC
5
DC
10
DC
16
MHz
tSLCH tCSS1 S active setup time
150
-
60
-
30
-
20
-
ns
tSHCH tCSS2 S not active setup time
150
-
60
-
30
-
20
-
ns
tSHSL
tCS S Deselect time
200
-
60
-
40
-
25
-
ns
tCHSH
tCSH S active hold time
150
-
60
-
30
-
20
-
ns
tCHSL
-S not active hold time
150
-
60
-
30
-
20
-
ns
tCH(4)
tCLH Clock high time
200
-
90
-
40
-
25
-
ns
tCL(4)
tCLL Clock low time
200
-
90
-
40
-
25
-
ns
tCLCH(5) tRC Clock rise time
-
2
-
2
-
-
-
2
µs
tCHCL(5) tFC Clock fall time
-
2
-
2
-
-
-
2
µs
tDVCH
tDSU Data in setup time
50
-
20
-
10
-
10
-
ns
tCHDX
tDH Data in hold time
50
-
20
-
10
-
10
-
ns
tHHCH
-
Clock low hold time after
HOLD not active
150
-
60
-
30
-
25
-
ns
tHLCH
-
Clock low hold time after
HOLD active
150
-
60
-
30
-
20
-
ns
tCLHL
-
Clock low set-up time before
HOLD active
0-0
-
0-0-
ns
tCLHH
-
Clock low set-up time before
HOLD not active
0-0
-
0-0-
ns
tSHQZ(5) tDIS Output disable time
-
200
-
80
-
40
-
25
ns
tCLQV
tV
Clock low to output valid
-
200
-
80
-
40
-
25
ns
tCLQX
tHO Output hold time
0
-
0
-
0
-
0
-
ns
tQLQH(5) tRO Output rise time
-
200
-
80
-
40
-
25
ns
tQHQL(5) tFO Output fall time
-
200
-
80
-
40
-
25
ns
tHHQV
tLZ HOLD high to output valid
-
200
-
80
-
40
-
25
ns
tHLQZ(5)
tHZ HOLD low to output high-Z
-
200
-
80
-
40
-
25
ns
tW
tWC Write time
-5-5-5-
5
ms
1. For devices identified by process letter K.
2. Previous products (identified with process letter A) were specified with fC(max) = 2 MHz, with the same AC values as
defined in the 1.7 V columns in this table.
3. Previous products (identified with process letter A) were specified with fC(max) = 5 MHz, with the same AC values as
defined in the 1.8 V columns in this table.
4. tCH + tCL must never be less than the shortest possible clock period, 1 / fC(max)
5. Value guaranteed by characterization, not 100% tested in production.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com