Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

STMPE812A Datasheet(PDF) 1 Page - STMicroelectronics

Part # STMPE812A
Description  Integrated 4-wire resistive touchscreen controller, pen-down/real-time mode, fullyautonomous
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STMPE812A Datasheet(HTML) 1 Page - STMicroelectronics

  STMPE812A Datasheet HTML 1Page - STMicroelectronics STMPE812A Datasheet HTML 2Page - STMicroelectronics STMPE812A Datasheet HTML 3Page - STMicroelectronics STMPE812A Datasheet HTML 4Page - STMicroelectronics STMPE812A Datasheet HTML 5Page - STMicroelectronics STMPE812A Datasheet HTML 6Page - STMicroelectronics STMPE812A Datasheet HTML 7Page - STMicroelectronics STMPE812A Datasheet HTML 8Page - STMicroelectronics STMPE812A Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 53 page
background image
July 2011
Doc ID 18225 Rev 4
1/53
53
STMPE812A
Touchscreen controller S-Touch®
with PWM and dedicated RESET pin
Features
Integrated 4-wire resistive touchscreen
controller, pen-down/real-time mode, fully-
autonomous
12-bit ADC for high-resolution touchscreen
Operating voltage 1.65 - 3.6 V
Low power consumption:
– Hibernation mode: 0.5 µA
– Active mode: 100 µA
Auto-hibernation and hotkey wake-up features
Up to 3 GPIOs with alternate functions
– 1 PWM controller
– 1 general purpose 12-bit ADC input
– Optional interrupt output pin
Dedicated reset input pin
400 kHz I2C interface
8 kV HBM, 1 kV CDM ESD protection on
X+/X-/Y+/Y-
2 kV HBM, 250 V CDM ESD protection on all
other pins
Applications
Portable media players
Game consoles
Mobile and smart phones
Description
The STMPE812A is a 4-wire resistive
touchscreen controller with 4-bit port expander
integrated.
The touchscreen controller is designed to be fully
autonomous, requiring only minimal CPU
intervention for sampling, filtering and pre-
processing operations.
CSP 12
(2.17 x 1.67 mm)
Table 1.
Device summary
Order code
Package
Packaging
STMPE812ABJR
CSP 12 (2.17 x 1.67 mm)
Tape and reel
www.st.com


Similar Part No. - STMPE812A

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STMPE812 STMICROELECTRONICS-STMPE812 Datasheet
626Kb / 51P
S-Touch® enhanced 4-wire resistive touchscreen controller with PWM
25-Feb-2011
STMPE812BJR STMICROELECTRONICS-STMPE812BJR Datasheet
626Kb / 51P
S-Touch® enhanced 4-wire resistive touchscreen controller with PWM
25-Feb-2011
More results

Similar Description - STMPE812A

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM8300 NSC-LM8300 Datasheet
319Kb / 20P
Four Wire Resistive Touchscreen Controller with Brownout
LM8500 NSC-LM8500 Datasheet
327Kb / 20P
Four Wire Resistive Touchscreen Controller with Brownout
logo
Semtech Corporation
SX8651 SEMTECH-SX8651 Datasheet
632Kb / 39P
Multitouch 4-wire Resistive Touchscreen Controller with 15kV ESD Protection
SX8654 SEMTECH-SX8654 Datasheet
2Mb / 62P
Haptics Enabled 4/5-Wire Resistive Touchscreen Controller with Proximity Sensing
SX8657 SEMTECH-SX8657 Datasheet
2Mb / 61P
Haptics Enabled 4/5-Wire Resistive Touchscreen Controller with Proximity Sensing
SX8677 SEMTECH-SX8677 Datasheet
2Mb / 63P
Haptics Enabled Multitouch 4/5-Wire Resistive Touchscreen Controller with Proximity Sensing
logo
Texas Instruments
LM8300 TI1-LM8300 Datasheet
440Kb / 26P
LM8300/LM8500 Four Wire Resistive Touchscreen Controller with Brownout
logo
Semtech Corporation
SX8651EVKA SEMTECH-SX8651EVKA Datasheet
626Kb / 39P
Multitouch 4-wire Resistive Touchscreen Controller with 15kV ESD Protection
SX8654EVK SEMTECH-SX8654EVK Datasheet
2Mb / 62P
Haptics Enabled 4/5-Wire Resistive Touchscreen Controller with Proximity Sensing
logo
STMicroelectronics
STMPE812 STMICROELECTRONICS-STMPE812 Datasheet
626Kb / 51P
S-Touch® enhanced 4-wire resistive touchscreen controller with PWM
25-Feb-2011
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com