Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

STMPE812A Datasheet(PDF) 5 Page - STMicroelectronics

Part # STMPE812A
Description  Integrated 4-wire resistive touchscreen controller, pen-down/real-time mode, fullyautonomous
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STMPE812A Datasheet(HTML) 5 Page - STMicroelectronics

  STMPE812A Datasheet HTML 1Page - STMicroelectronics STMPE812A Datasheet HTML 2Page - STMicroelectronics STMPE812A Datasheet HTML 3Page - STMicroelectronics STMPE812A Datasheet HTML 4Page - STMicroelectronics STMPE812A Datasheet HTML 5Page - STMicroelectronics STMPE812A Datasheet HTML 6Page - STMicroelectronics STMPE812A Datasheet HTML 7Page - STMicroelectronics STMPE812A Datasheet HTML 8Page - STMicroelectronics STMPE812A Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 53 page
background image
STMPE812A
STMPE812A functional overview
Doc ID 18225 Rev 4
5/53
1.1
Pin configuration and functions
Figure 2.
Pin configuration (top through view)
Table 2.
Pin assignments
Pin
Name
Current capacity
Function
B3
Y+
50 mA current limit
Y+
C3
X-
50 mA current limit
X-
D3
Y-
50 mA current limit
Y-
C2
RESETN
+8 mA/-12 mA at
3.3 V
Active low RESET (3.6 V tolerant within VCC valid
range). Typical reset filter duration is 788 ns at
1.8 V VCC.
D2
GND
Can be > 80 mA
load at touchscreen
and GPIO drive
Ground
D1
SCL
-4 mA
I2C clock (fail safe, tolerant to 3.6 V regardless of
VCC)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com