Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

MPC9774 Datasheet(PDF) 7 Page - Motorola, Inc

Part # MPC9774
Description  3.3V / 2,5V 1:14 LVCMOS PLL CLOCK GENERATOR
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MPC9774 Datasheet(HTML) 7 Page - Motorola, Inc

Back Button MPC9774 Datasheet HTML 3Page - Motorola, Inc MPC9774 Datasheet HTML 4Page - Motorola, Inc MPC9774 Datasheet HTML 5Page - Motorola, Inc MPC9774 Datasheet HTML 6Page - Motorola, Inc MPC9774 Datasheet HTML 7Page - Motorola, Inc MPC9774 Datasheet HTML 8Page - Motorola, Inc MPC9774 Datasheet HTML 9Page - Motorola, Inc MPC9774 Datasheet HTML 10Page - Motorola, Inc MPC9774 Datasheet HTML 11Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
MPC9774
TIMING SOLUTIONS
7
MOTOROLA
Table 9. DC Characteristics (VCC = 2.5V ± 5%, TA = 0°C to + 85°C)
Symbol
Characteristics
Min
Typ
Max
Unit
Condition
VCC_PLL
PLL supply voltage
2.325
VCC
V
LVCMOS
VIH
Input high voltage
1.7
VCC + 0.3
V
LVCMOS
VIL
Input low voltage
-0.3
0.7
V
LVCMOS
VOH
Output High Voltage
1.8
V
IOH =-15 mAa
VOL
Output Low Voltage
0.6
V
IOL = 15 mA
ZOUT
Output impedance
17 - 20
W
IIN
Input Currentb
±200
µA
VIN = VCC or GND
ICC_PLL
Maximum PLL Supply Current
2.0
5.0
mA
VCCA Pin
ICC
Maximum Quiescent Supply Current
1.0
mA
All VCC Pins
a.
The MPC9774 is capable of driving 50
Ω transmission lines on the incident edge. Each output drives one 50Ω parallel terminated
transmission line to a termination voltage of VTT. Alternatively, the device drives up to two 50Ω series terminated transmission lines per
output.
b.
Inputs have pull-down or pull-up resistors affecting the input current.
Table 10. AC Characteristics (VCC = 2.5V ± 5%, TA = 0°C to + 85°C)a b
Symbol
Characteristics
Min
Typ
Max
Unit
Condition
fref
Input reference frequency
÷8 feedback
÷12 feedback
÷16 feedback
÷24 feedback
÷32 feedback
÷48 feedback
Input reference frequency in PLL bypass modec
25.0
16.6
12.5
8.33
6.25
4.16
50.0
33.3
25.0
16.6
12.5
8.3
TBD
MHz
MHz
MHz
MHz
MHz
MHz
MHz
PLL locked
PLL bypass
fVCO
VCO frequency ranged
200
400
MHz
fMAX
Output Frequency
÷4 output
÷8 output
÷12 output
÷16 output
÷24 output
50.0
25.0
16.6
12.5
8.33
100.0
50.0
33.3
25.0
16.6
MHz
MHz
MHz
MHz
MHz
PLL locked
frefDC
Reference Input Duty Cycle
40
60
%
tr, tf
CCLKx Input Rise/Fall Time
1
ns
0.7 to 1.7V
t(
∅)
Propagation Delay (static phase offset)
CCLKx or PCLK to FB_IN
±150
ps
PLL locked
tsk(O)
Output-to-output Skewe
300
ps
DC
Output duty cycle
45
50
55
%
tr, tf
Output Rise/Fall Time
0.1
1.0
ns
0.6 to 1.8V
tPLZ, HZ
Output Disable Time
10
ns
tPZL, LZ
Output Enable Time
10
ns
tJIT(CC)
Cycle-to-cycle jitter
RMS (1
σ)f
TBD
ps
tJIT(PER) Period Jitter
RMS (1
σ)
TBD
ps
tJIT(
∅)
I/O Phase Jitter
RMS (1
σ)
TBD
ps
BW
PLL closed loop bandwidthg
TBD
kHz
tLOCK
Maximum PLL Lock Time
10
ms
a.
All AC characteristics are design targets and subject to change upon device characterization.
b.
AC characteristics apply for parallel output termination of 50
Ω to VTT.
c.
In bypass mode, the MPC9774 divides the input reference clock.
d.
The input reference frequency must match the VCO lock range divided by the total feedback divider ratio: fref = fVCO ÷ (M ⋅ VCO_SEL).
e.
See application section for part-to-part skew calculation.
f.
See application section for a jitter calculation for other confidence factors than 1
σ.
g.
-3 dB point of PLL transfer characteristics.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com