Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

WM8773 Datasheet(PDF) 1 Page - Wolfson Microelectronics plc

Part # WM8773
Description  24-bit, 96kHz ADC with 8 Channel I/P Multiplexer
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8773 Datasheet(HTML) 1 Page - Wolfson Microelectronics plc

  WM8773 Datasheet HTML 1Page - Wolfson Microelectronics plc WM8773 Datasheet HTML 2Page - Wolfson Microelectronics plc WM8773 Datasheet HTML 3Page - Wolfson Microelectronics plc WM8773 Datasheet HTML 4Page - Wolfson Microelectronics plc WM8773 Datasheet HTML 5Page - Wolfson Microelectronics plc WM8773 Datasheet HTML 6Page - Wolfson Microelectronics plc WM8773 Datasheet HTML 7Page - Wolfson Microelectronics plc WM8773 Datasheet HTML 8Page - Wolfson Microelectronics plc WM8773 Datasheet HTML 9Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 29 page
background image
WM8773
24-bit, 96kHz ADC with 8 Channel I/P Multiplexer
WOLFSON MICROELECTRONICS LTD
w :: www.wolfsonmicro.com
Product Preview, April 2002, Rev 1.0
Copyright
2002 Wolfson Microelectronics Ltd.
DESCRIPTION
The WM8773 is a high performance, stereo audio ADC with
an 8 channel input selector. The WM8773 is ideal for
digitising multiple analogue sources for surround sound
processing applications for home hi-fi, automotive and other
audio visual equipment.
A stereo 24-bit multi-bit sigma delta ADC is used with an
eight stereo channel input selector. Each channel has
analogue domain mute and programmable gain control.
Digital audio output word lengths from 16-32 bits and
sampling rates from 8kHz to 96kHz are supported.
The audio data interface supports I
2S, left justified, right
justified and DSP digital audio formats.
The device is controlled via a 3 wire serial interface. The
interface provides access to all features including channel
selection, volume controls, mutes, de-emphasis and power
management facilities. The device is available in a 64-pin
TQFP package.
FEATURES
Audio Performance
102dB SNR (‘A’ weighted @ 48kHz) ADC
ADC Sampling Frequency: 8kHz – 96kHz
3-Wire SPI MPU Serial Control Interface
Master or Slave Clocking Mode
Programmable Audio Data Interface Modes
I
2S, Left, Right Justified or DSP
16/20/24/32 bit Word Lengths
Analogue Record Monitor Outputs
Eight stereo ADC inputs with analogue gain adjust from
+19dB to –12dB in 1dB steps
2.7V to 5.5V Analogue, 2.7V to 3.6V Digital supply
Operation
5V tolerant digital inputs
APPLICATIONS
Surround Sound AV Processors and Hi-Fi systems
Automotive Audio
BLOCK DIAGRAM
STEREO
ADC
AUDIO INTERFACE
AND
DIGITAL FILTERS
AIN2R
AIN3L
AIN3R
AIN4L
AIN4R
AIN5L
AIN5R
AIN6L
AIN6R
RECL
RECR
AINOPR
AINOPL
CONTROL INTERFACE
AIN2L
AIN1R
AIN1L
AIN7L
AIN7R
AIN8L
AIN8R
WM8773
MUTE
ADCLRC
BCLK
DOUT
MCLK


Similar Part No. - WM8773

ManufacturerPart #DatasheetDescription
logo
Wolfson Microelectronic...
WM8770 WOLFSON-WM8770 Datasheet
564Kb / 52P
24-bit, 192kHz 8-Channel Codec with Volume Control
WM8770SIFT WOLFSON-WM8770SIFT Datasheet
564Kb / 52P
24-bit, 192kHz 8-Channel Codec with Volume Control
WM8770SIFV WOLFSON-WM8770SIFV Datasheet
564Kb / 52P
24-bit, 192kHz 8-Channel Codec with Volume Control
WM8771 WOLFSON-WM8771 Datasheet
339Kb / 44P
24-bit, 192kHz 8-Channel Codec
WM8771FT WOLFSON-WM8771FT Datasheet
339Kb / 44P
24-bit, 192kHz 8-Channel Codec
More results

Similar Description - WM8773

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK5384 AKM-AK5384 Datasheet
238Kb / 21P
107 DB 24 BIT 96KHZ 4 CHANNEL ADC
logo
Wolfson Microelectronic...
WM8775 WOLFSON-WM8775 Datasheet
348Kb / 36P
24 BIT 96 KHZ ADC WITH 4 CHANNEL I/P MULTIPLEXER
logo
Asahi Kasei Microsystem...
AK5358 AKM-AK5358 Datasheet
128Kb / 17P
96kHz 24-Bit ?誇 ADC
logo
Wolfson Microelectronic...
WM8775 WOLFSON-WM8775_06 Datasheet
395Kb / 39P
24-bit, 96kHz ADC with 4 Channel I/P Multiplexer
logo
Asahi Kasei Microsystem...
AK5358A AKM-AK5358A Datasheet
268Kb / 18P
96kHz 24-Bit ?誇 ADC
AK5358B AKM-AK5358B Datasheet
187Kb / 19P
96kHz 24-Bit ?誇 ADC
AK5720VT AKM-AK5720VT Datasheet
823Kb / 25P
96kHz 24-Bit ?꾬걪 ADC
AK5358A AKM-AK5358A_08 Datasheet
333Kb / 18P
96kHz 24-Bit ?誇 ADC
AK5720 AKM-AK5720 Datasheet
823Kb / 25P
96kHz 24-Bit ADC
logo
Cirrus Logic
WM8775 CIRRUS-WM8775 Datasheet
350Kb / 39P
24-bit, 96kHz ADC with 4 Channel I/P Multiplexer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com