Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

PC87334VLJ Datasheet(PDF) 40 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87334VLJ
Description  SuperI/O 3.3V/5V Floppy Disk Controller, Dual UARTs, Infrared, IEEE1284 Parallel Port, and IDE Interface
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87334VLJ Datasheet(HTML) 40 Page - National Semiconductor (TI)

Back Button PC87334VLJ Datasheet HTML 36Page - National Semiconductor (TI) PC87334VLJ Datasheet HTML 37Page - National Semiconductor (TI) PC87334VLJ Datasheet HTML 38Page - National Semiconductor (TI) PC87334VLJ Datasheet HTML 39Page - National Semiconductor (TI) PC87334VLJ Datasheet HTML 40Page - National Semiconductor (TI) PC87334VLJ Datasheet HTML 41Page - National Semiconductor (TI) PC87334VLJ Datasheet HTML 42Page - National Semiconductor (TI) PC87334VLJ Datasheet HTML 43Page - National Semiconductor (TI) PC87334VLJ Datasheet HTML 44Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 102 page
background image
40 FDC Command Set Description (Continued)
414 Invalid Command
If an invalid command (illegal Opcode byte in the Command
Phase) is received by the controller the controller responds
with ST0 in the Result Phase The controller does not gen-
erate an interrupt during this condition Bits 6 and 7 in the
MSR are both set to a 1 indicating to the mP that the con-
troller is in the Result Phase and the contents of ST0 must
be read The system reads an 80h value from ST0 indicating
an invalid command was received
Command Phase
Invalid Op Codes
Execution Phase
None
Result Phase
Status Register 0 (80h)
415 Lock Command
The Lock command allows the user full control of the FIFO
parameters after a software reset If the LOCK bit is set to 1
then the FIFO THRESH and PRETRK bits in the Configure
command are not affected by a software reset In addition
the FWR FRD and BST bits in the Mode command are
unaffected by a software reset If the LOCK is 0 (default
after a hardware reset) then the above bits are set to their
default values after a software reset This command is use-
ful if the system designer wishes to keep the FIFO enabled
and retain the other FIFO parameter values (such as
THRESH) after a software reset
After the command byte is written the result byte must be
read before continuing to the next command The execution
of the Lock command is not performed until the result byte
is read by the mP If the part is reset after the command byte
is written but before the result byte is read then the Lock
command execution is not performed This is done to pre-
vent accidental execution of the Lock command
Command Phase
LOCK0010100
Execution Phase
Internal Lock register is written
Result Phase
000LOCK0000
416 Mode Command
This command is used to select the special features of the
controller The bits for the Command Phase bytes are
shown in Section 41 Command Set Summary and their
function is described below These bits are set to their de-
fault values after a hardware reset The default value of
each bit is denoted by a ‘‘bullet’’ to the left of each item The
value of each parameter after a software reset is explained
Command Phase
00
0
0
0
0
0
1
TMR
IAF
IPS
0
LOW PWR
1
ETR
FWR
FRD
BST
R255
0
0
0
0
DENSEL
BFR
WLD
Head Settle
00
0
0
0
RG
0
PU
Execution Phase
Internal registers are written
Result Phase
None
TMR
Motor Timer mode Default after a software reset
0 e Timers for motor on and motor off are defined
for Mode 1 (See Specify command)
1 e
Timers for motor on and motor off are defined
for Mode 2 (See Specify command)
IAF
Index Address Format Default after a software reset
0 e The controller formats tracks with the Index Ad-
dress Field included (IBM and Perpendicular for-
mat)
1 e
The controller formats tracks without including
the Index Address Field (ISO format)
IPS
Implied Seek Default after a software reset
0 e The implied seek bit in the command byte of a
read write scan or verify is ignored Implied
seeks could still be enabled by the EIS bit in the
Configure command
1 e
The IPS bit in the command byte of a read write
scan or verify is enabled so that if it is set the
controller performs seek and sense interrupt op-
erations before executing the command
LOW
PWR
Low Power mode Default after a software reset
00 e Completely disable the low power mode
01 e
Automatic low power For 500 kbps operation
go into low power mode 512 ms after the head
unload timer times out For 250 kbps operation
the timeout period is doubled to 1s
10 e
Manual low power Go into low power mode
now
11 e
Not used
ETR
Extended Track Range Default after a software re-
set
0 e Track number is stored as a standard 8-bit value
compatible with the IBM ISO and Perpendicular
formats This allows access of up to 256 tracks
during a seek operation
1 e
Track number is stored as a 12-bit value The
upper four bits of the track value are stored in
the upper four bits of the head number in the
sector Address Field This allows access of up to
4096 tracks during a seek operation With this bit
set an extra byte is required in the Seek Com-
mand Phase and Sense Interrupt Result Phase
FWR
FIFO Write Disable for mP write transfers to control-
ler Default after a software reset if LOCK is 0 If
LOCK is 1 FWR retains its value after a software
reset
Note
This bit is only valid if the FIFO is enabled in the Configure
command If the FIFO is not enabled in the Configure com-
mand then this bit is a don’t care
0 e Enable FIFO mP write transfers druing the Exe-
cution Phase use the internal FIFO
1 e
Disable FIFO All write data transfers take place
without the FIFO
40



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com