Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

PC87334VLJ Datasheet(PDF) 14 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87334VLJ
Description  SuperI/O 3.3V/5V Floppy Disk Controller, Dual UARTs, Infrared, IEEE1284 Parallel Port, and IDE Interface
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87334VLJ Datasheet(HTML) 14 Page - National Semiconductor (TI)

Back Button PC87334VLJ Datasheet HTML 10Page - National Semiconductor (TI) PC87334VLJ Datasheet HTML 11Page - National Semiconductor (TI) PC87334VLJ Datasheet HTML 12Page - National Semiconductor (TI) PC87334VLJ Datasheet HTML 13Page - National Semiconductor (TI) PC87334VLJ Datasheet HTML 14Page - National Semiconductor (TI) PC87334VLJ Datasheet HTML 15Page - National Semiconductor (TI) PC87334VLJ Datasheet HTML 16Page - National Semiconductor (TI) PC87334VLJ Datasheet HTML 17Page - National Semiconductor (TI) PC87334VLJ Datasheet HTML 18Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 102 page
background image
10 Pin Description (Continued)
Symbol
PQFP
TQFP
IO
Function
Pin
Pin
IRQ5
98
96
IO
Interrupt 5
Active high output that indicates a parallel port interrupt When enabled this bit
follows the ACK signal input When bit 4 in the parallel port Control Register is set and the
parallel port address is designated as shown in Table 2-5 this interrupt is enabled When it
is not enabled this signal is TRI-STATE This pin is IO only when ECP is enabled and IRQ5
is configured For ECP operation refer to the interrupt ECP Section 7111
IRQ6
97
95
O
Interrupt 6
Active high output to signal the completion of the execution phase for certain
FDC commands Also used to signal when a data transfer is ready during a Non-DMA
operation When in PC-AT or Model 30 mode this signal is enabled by bit D3 of the DOR
When in PS2 mode IRQ6 is always enabled and bit D3 of the DOR is reserved
IRQ7
96
94
IO
Interrupt 7
Active high output that indicates a parallel port interrupt When enabled this bit
follows the ACK signal input When bit 4 in the parallel port Control Register is set and the
parallel port address is designated as shown in Table 2-5 this interrupt is enabled When it
is not enabled this signal is TRI-STATE This pin is IO only when ECP is enabled and IRQ7
is configured For ECP operation refer to the interrupt ECP Section 7111
IRRX
59 68
57 66
I
Infrared Receive
One of these pins (see Table 1-1 for pin allocation) is the infrared serial
data input (See DSR2 IOCS16 DRID0 and IDEACK for further information)
IRTX
56 63
54 61
O
Infrared Transmit
One of these pins (see Table 1-1 for pin allocation) is the infrared serial
data output (See DTR2 VLD1 IDEHI VLD0 DRID1 and 3F3RD for further information)
MR
2
100
I
Master Reset
Active high input that resets the controller to the idle state and resets all
disk interface outputs to their inactive states The DOR DSR CCR Mode command
Configure command and Lock command parameters are cleared to their default values
The Specify command parameters are not affected The Configuration Registers are set to
their selected default values
MFM
53
51
IO
MFM (Modified Frequency Modulation)
During a chip reset when lDENT is low this pin is
sampled to select the PS2 mode (MFM high) or the Model 30 mode (MFM low) An internal
pull-up or external pull-down 10k resistor selects between the two PS2 modes When the
PC-AT mode is desired (lDENT high) MFM should be left pulled high internally MFM
reflects the current data encoding format when RESET is inactive MFM e high Defaults to
low after a chip reset (See IOCHRDY for further information)
MTR01
Normal
46 43
44 41
O
Motor Select 01
These are the motor enable lines for drives 0 and 1 and they are
controlled by bits D7 – D4 of the Digital Output register They are active low outputs They
Mode
are encoded with information to control four FDDs when bit 4 of the Function Enable
Register (FER) is set MTR0 exchanges logical motor values with MTR1 when bit 4 of FCR
is set (See DR01)
MTR1
PPM
84
82
O
Motor Select 1
This pin provides an additional Motor Select 1 signal in PPM Mode when
PNF e 0 This pin is the motor enable line for drive 1 when bit 4 of FCR is 0 It is the motor
Mode
enable line for drive 0 when bit 4 of FCR is 1 This signal is active low (See BUSY and Table
7-5 for further information)
MSEN01
Normal
52 51
50 49
I
Media Sense
These pins are Media Sense input pins when bit 0 of FCR is 0 Each pin has a
10 kX internal pull-up resistor When bit 0 of FCR is 1 these pins are Data Rate output pins
Mode
and the pull-up resistors are disabled (See DRATE01 for further information)
MSEN01
PPM
88 86
86 84
I
Media Sense
These pins provide additional Media Sense signals for PPM Mode and PNF
e
0 (See PD5 7 and Table 7-5 for further information)
Mode
PD
45
43
O
Power-Down
This pin is PD output when bit 4 of PMC is 1 It is DR1 when bit 4 of PMC is 0
PD is active high whenever the FDC is in power-down state either via bit 6 of DSR (or bit 3
of FER or bit 0 of PTR) or via the mode command See DR1 for further information
PD0 – 7
94 – 91
92 – 89
IO
Parallel Port Data
These bidirectional pins transfer data to and from the peripheral data
bus and the parallel port Data Register These pins have high current drive capability (See
89–86
87–84
DC Electrical Characteristics)
(See MSEN01 INDEX TRK0 WP RDATA DSKCHG and Table 7-5 for further information)
14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com