Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

2SK2139 Datasheet(PDF) 4 Page - NEC

Part # 2SK2139
Description  SWITCHING N-CHANNEL POWER MOS FET INDUSTRIAL USE
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

2SK2139 Datasheet(HTML) 4 Page - NEC

  2SK2139 Datasheet HTML 1Page - NEC 2SK2139 Datasheet HTML 2Page - NEC 2SK2139 Datasheet HTML 3Page - NEC 2SK2139 Datasheet HTML 4Page - NEC 2SK2139 Datasheet HTML 5Page - NEC 2SK2139 Datasheet HTML 6Page - NEC 2SK2139 Datasheet HTML 7Page - NEC 2SK2139 Datasheet HTML 8Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
2SK2139
4
DRAIN TO SOURCE ON-STATE RESISTANCE vs.
GATE TO SOURCE VOLTAGE
TRANSIENT THERMAL RESISTANCE vs. PULSE WIDTH
PW - Pulse Width - s
1 000
100
10
1
0.1
0.01
0.001
10
100
1 m
10 m
100 m
1
10
100
1 000
VDS = 10 V
Pulsed
FORWARD TRANSFER ADMITTANCE vs.
DRAIN CURRENT
1.0
100
10
ID - Drain Current - A
Tch = –25 ˚C
25 ˚C
75 ˚C
125 ˚C
420
VGS - Gate to Source Voltage (V)
GATE TO SOURCE CUTOFF VOLTAGE
vs. CHANNEL TEMPERATURE
Tch - Channel Temperature - ˚C
DRAIN TO SOURCE ON-STATE
RESISTANCE vs. DRAIN CURRENT
10
100
ID - Drain Current - A
–50
0
50
100
150
1.0
2.0
0
4.0
1.0
1.0
812
16
2.0
4.0
0.1
VGS = 10 V
Pulsed
ID = 5 A
2.5 A
Pulsed
20 V
VDS = 10 V
ID = 1mA
VDS = 10 V
ID = 1mA
3.0
2.0
0
1.0
µµ
Rth (ch-a) = 62.5 (˚C/W)
Rth (ch-c) = 3.57 (˚C/W)
TC = 25 ˚C
Single Pulse



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com