Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

2SK2139 Datasheet(PDF) 1 Page - NEC

Part # 2SK2139
Description  SWITCHING N-CHANNEL POWER MOS FET INDUSTRIAL USE
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

2SK2139 Datasheet(HTML) 1 Page - NEC

  2SK2139 Datasheet HTML 1Page - NEC 2SK2139 Datasheet HTML 2Page - NEC 2SK2139 Datasheet HTML 3Page - NEC 2SK2139 Datasheet HTML 4Page - NEC 2SK2139 Datasheet HTML 5Page - NEC 2SK2139 Datasheet HTML 6Page - NEC 2SK2139 Datasheet HTML 7Page - NEC 2SK2139 Datasheet HTML 8Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
MOS FIELD EFFECT TRANSISTOR
DESCRIPTION
The 2SK2139 is N-Channel Power MOS Field Effect Transistor
designed for high voltage switching applications.
FEATURES
• Low On-Resistance
RDS(on) = 1.5
Ω MAX. (VGS = 10 V, ID = 2.5 A)
• Low Ciss
Ciss = 930 pF TYP.
• High Avalanche Capability Ratings
• Isolate TO-220 (MP-45F) Package
ABSOLUTE MAXIMUM RATINGS (TA = 25 ˚C)
Drain to Source Voltage
VDSS
600
V
Gate to Source Voltage
VGSS
±30
V
Drain Current (DC)
ID(DC)
±5.0
A
Drain Current (pulse)*
ID(pulse)
±20
A
Total Power Dissipation (Tc = 25 ˚C)
PT1
35
W
Total Power Dissipation (TA = 25 ˚C)
PT2
2.0
W
Channel Temperature
Tch
150
˚C
Storage Temperature
Tstg
–55 to +150 ˚C
Single Avalanche Current**
IAS
5.0
A
Single Avalanche Energy**
EAS
8.3
mJ
*
PW
≤ 10
µs, Duty Cycle ≤ 1 %
** Starting Tch = 25 ˚C, RG = 25
Ω, VGS = 20 V → 0
2SK2139
SWITCHING
N-CHANNEL POWER MOS FET
INDUSTRIAL USE
PACKAGE DIMENSIONS
(in millimeters)
10.0±0.3
4.5±0.2
3.2±0.2
2.7±0.2
2.5±0.1
1.3±0.2
1.5±0.2
2.54
0.7±0.1
2.54
0.65±0.1
123
1. Gate
2. Drain
3. Source
MP-45F (ISOLATED TO-220)
Body
Diode
Source
Drain
Gate
Document No. TC-2512
(O. D. No. TC-8071)
Date Published January 1995 P
Printed in Japan
©
1995
DATA SHEET


Similar Part No. - 2SK2139

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
2SK2139 RENESAS-2SK2139 Datasheet
249Kb / 10P
MOS FIELD EFFECT TRANSISTOR
1995
logo
Inchange Semiconductor ...
2SK2139 ISC-2SK2139 Datasheet
318Kb / 2P
isc N-Channel MOSFET Transistor
More results

Similar Description - 2SK2139

ManufacturerPart #DatasheetDescription
logo
NEC
2SK1851 NEC-2SK1851 Datasheet
356Kb / 6P
SWITCHING N-CHANNEL POWER MOS FET INDUSTRIAL USE
2SK2361 NEC-2SK2361 Datasheet
114Kb / 8P
SWITCHING N-CHANNEL POWER MOS FET INDUSTRIAL USE
2SK2410 NEC-2SK2410 Datasheet
113Kb / 8P
SWITCHING N-CHANNEL POWER MOS FET INDUSTRIAL USE
2SK2415 NEC-2SK2415 Datasheet
83Kb / 8P
SWITCHING N-CHANNEL POWER MOS FET INDUSTRIAL USE
2SK2476 NEC-2SK2476 Datasheet
117Kb / 8P
SWITCHING N-CHANNEL POWER MOS FET INDUSTRIAL USE
2SK2511 NEC-2SK2511 Datasheet
116Kb / 8P
SWITCHING N-CHANNEL POWER MOS FET INDUSTRIAL USE
NP80N055 NEC-NP80N055 Datasheet
79Kb / 8P
SWITCHING N-CHANNEL POWER MOS FET INDUSTRIAL USE
NP34N055HHE NEC-NP34N055HHE Datasheet
68Kb / 8P
SWITCHING N-CHANNEL POWER MOS FET INDUSTRIAL USE
NP32N055HLE NEC-NP32N055HLE Datasheet
68Kb / 8P
SWITCHING N-CHANNEL POWER MOS FET INDUSTRIAL USE
logo
Renesas Technology Corp
2SK1294 RENESAS-2SK1294 Datasheet
379Kb / 9P
SWITCHING N-CHANNEL POWER MOS FET INDUSTRIAL USE
July 1993
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com