Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

LM89 Datasheet(PDF) 11 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM89
Description  짹0.75째C Accurate, Remote Diode and Local Digital Temperature Sensor with Two-Wire Interface
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM89 Datasheet(HTML) 11 Page - National Semiconductor (TI)

Back Button LM89 Datasheet HTML 7Page - National Semiconductor (TI) LM89 Datasheet HTML 8Page - National Semiconductor (TI) LM89 Datasheet HTML 9Page - National Semiconductor (TI) LM89 Datasheet HTML 10Page - National Semiconductor (TI) LM89 Datasheet HTML 11Page - National Semiconductor (TI) LM89 Datasheet HTML 12Page - National Semiconductor (TI) LM89 Datasheet HTML 13Page - National Semiconductor (TI) LM89 Datasheet HTML 14Page - National Semiconductor (TI) LM89 Datasheet HTML 15Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
1.0 Functional Description (Continued)
1.9.1 SMBus Timing Diagrams
1.10 SERIAL INTERFACE RESET
In the event that the SMBus Master is RESET while the
LM89 is transmitting on the SMBData line, the LM89 must be
returned to a known state in the communication protocol.
This may be done in one of two ways:
1.
When SMBData is LOW, the LM89 SMBus state ma-
chine resets to the SMBus idle state if either SMBData
or SMBCLK are held low for more than 35ms (t
TIMEOUT).
Note that according to SMBus specification 2.0 all de-
vices are to timeout when either the SMBCLK or SMB-
Data lines are held low for 25-35ms. Therefore, to insure
a timeout of all devices on the bus the SMBCLK or
SMBData lines must be held low for at least 35ms.
2.
When SMBData is HIGH, have the master initiate an
SMBus start. The LM89 will respond properly to an
SMBus start condition at any point during the communi-
cation. After the start the LM89 will expect an SMBus
Address address byte.
1.11 DIGITAL FILTER
In order to suppress erroneous remote temperature readings
due to noise, the LM89 incorporates a user-configured digital
filter. The filter is accessed in the FILTER and ALERT CON-
LM89 Timing Diagram
20041510
(a) Serial Bus Write to the internal Command Register followed by a the Data Byte
20041511
(b) Serial Bus Write to the Internal Command Register
20041512
(c) Serial Bus Read from a Register with the Internal Command Register preset to desired value.
FIGURE 7. SMBus Timing Diagrams
www.national.com
11



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com