Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

LM89 Datasheet(PDF) 17 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM89
Description  짹0.75째C Accurate, Remote Diode and Local Digital Temperature Sensor with Two-Wire Interface
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM89 Datasheet(HTML) 17 Page - National Semiconductor (TI)

Back Button LM89 Datasheet HTML 12Page - National Semiconductor (TI) LM89 Datasheet HTML 13Page - National Semiconductor (TI) LM89 Datasheet HTML 14Page - National Semiconductor (TI) LM89 Datasheet HTML 15Page - National Semiconductor (TI) LM89 Datasheet HTML 16Page - National Semiconductor (TI) LM89 Datasheet HTML 17Page - National Semiconductor (TI) LM89 Datasheet HTML 18Page - National Semiconductor (TI) LM89 Datasheet HTML 19Page - National Semiconductor (TI) LM89 Datasheet HTML 20Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 17 / 20 page
background image
3.0 Applications Hints (Continued)
optimized to measure the remote thermal diode of a 0.13
micron Pentium 4 or a Mobile Pentium 4 Processor-M pro-
cessor. A discrete diode can also be used to sense the
temperature of external objects or ambient air. Remember
that a discrete diode’s temperature will be affected, and often
dominated, by the temperature of its leads.
Most silicon diodes do not lend themselves well to this
application. It is recommended that a 2N3904 transistor
base emitter junction be used with the collector tied to the
base.
An LM89 with a diode-connected 2N3904 approximates the
temperature reading of the LM89 with a Pentium 4 micropro-
cessor less 1˚C. T
2N3904 =TP4 − 1˚C
3.1 DIODE NON-IDEALITY
3.1.1 Diode Non-Ideality Factor Effect on Accuracy
When a transistor is connected as a diode, the following
relationship holds for variables V
BE, T and If:
where:
q = 1.6x10
−19 Coulombs (the electron charge),
T = Absolute Temperature in Kelvin
k = 1.38x10
−23joules/K (Boltzmann’s constant),
η is the non-ideality factor of the process the diode is
manufactured on,
I
S = Saturation Current and is process dependent,
I
f= Forward Current through the base emitter junction
V
BE = Base Emitter Voltage drop
In the active region, the -1 term is negligible and may be
eliminated, yielding the following equation
In the above equation,
η and I
S are dependant upon the
process that was used in the fabrication of the particular
diode. By forcing two currents with a very controlled ratio (N)
and measuring the resulting voltage difference, it is possible
to eliminate the I
S term. Solving for the forward voltage
difference yields the relationship:
The voltage seen by the LM89 also includes the I
FRS voltage
drop of the series resistance. The non-ideality factor,
η,is
the only other parameter not accounted for and depends on
the diode that is used for measurement. Since
∆V
BE is
proportional to both
η and T, the variations in η cannot be
distinguished from variations in temperature. Since the non-
ideality factor is not controlled by the temperature sensor, it
will directly add to the inaccuracy of the sensor. For the
Pentium 4 and Mobile Pentium Processor-M Intel specifies a
±0.1% variation in
η from part to part. As an example,
assume a temperature sensor has an accuracy specification
of ±1˚C at room temperature of 25 ˚C and the process used
to manufacture the diode has a non-ideality variation of
±0.1%. The resulting accuracy of the temperature sensor at
room temperature will be:
T
ACC = ± 1˚C+(±0.1% of 298 ˚K) = ±1.4 ˚C
The additional inaccuracy in the temperature measurement
caused by
η, can be eliminated if each temperature sensor is
calibrated with the remote diode that it will be paired with.
Processor Family
η, non-ideality
min
typ
max
Pentium III CPUID 67h
1
1.0065
1.0125
Pentium III CPUID
68h/PGA370Socket/Celeron
1.0057
1.008
1.0125
Pentium 4, 423 pin
0.9933
1.0045
1.0368
Pentium 4, 478 pin
0.9933
1.0045
1.0368
0.13 micron, Pentium 4
1.0011
1.0021
1.0030
MMBT3904
1.003
AMD Athlon MP model 6
1.002
1.008
1.016
3.1.2 Compensating for Diode Non-Ideality
In order to compensate for the errors introduced by non-
ideality, the temperature sensor is calibrated for a particular
processor. National Semiconductor temperature sensors are
always calibrated to the typical non-ideality of a given pro-
cessor type. The LM89 is calibrated for the non-ideality of a
0.13 micron, Mobile Pentium 4, 1.0021. When a temperature
sensor calibrated for a particular processor type is used with
a different processor type or a given processor type has a
non-ideality that strays from the typical, errors are intro-
duced.
Temperature errors associated with non-ideality may be re-
duced in a specific temperature range of concern through
use of the offset registers (11h and 12h).
Please send an email to hardware.monitor.team@nsc.com
requesting further information on our recommended setting
of the offset register for different processor types.
www.national.com
17



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com