Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

LM89 Datasheet(PDF) 14 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM89
Description  짹0.75째C Accurate, Remote Diode and Local Digital Temperature Sensor with Two-Wire Interface
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM89 Datasheet(HTML) 14 Page - National Semiconductor (TI)

Back Button LM89 Datasheet HTML 10Page - National Semiconductor (TI) LM89 Datasheet HTML 11Page - National Semiconductor (TI) LM89 Datasheet HTML 12Page - National Semiconductor (TI) LM89 Datasheet HTML 13Page - National Semiconductor (TI) LM89 Datasheet HTML 14Page - National Semiconductor (TI) LM89 Datasheet HTML 15Page - National Semiconductor (TI) LM89 Datasheet HTML 16Page - National Semiconductor (TI) LM89 Datasheet HTML 17Page - National Semiconductor (TI) LM89 Datasheet HTML 18Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 20 page
background image
2.0 LM89 Registers (Continued)
Command Select Address
Power-On-Default State
Register
Name
Register Function
Read Address
<P7:P0> hex
Write Address
<P7:P0> hex
<D7:D0> binary
<D7:D0>
decimal
12h
12h
0000 0000
0
RTOLB
Remote Temperature Offset Low
Byte
13h
13h
0000 0000
0
RHSLB
Remote HIGH Setpoint Low Byte
14h
14h
0000 0000
0
RLSLB
Remote LOW Setpoint Low Byte
19h
19h
0110 1110
110
RCS
Remote T_CRIT Setpoint
20h
20h
0101 0101
85
LCS
Local T_CRIT Setpoint
21h
21h
0000 1010
10
TH
T_CRIT Hysteresis
B0h-BEh
B0h-BEh
Manufacturers Test Registers
BFh
BFh
0000 0000
0
RDTF
Remote Diode Temperature Filter
FEh
NA
0000 0001
1
RMID
Read Manufacturer’s ID
FFh
NA
LM89 0011 0001
LM89-1 0011 0100
49
52
RDR
Read Stepping or Die Revision
Code
2.2 LOCAL and REMOTE TEMPERATURE REGISTERS (LT, RTHB, RTLB)
(Read Only Address 00h, 01h):
BIT
D7
D6
D5
D4
D3
D2
D1
D0
Value
SIGN
64
32
16
8
4
2
1
For LT and RTHB D7–D0: Temperature Data. LSB = 1˚C. Two’s complement format.
(Read Only Address 10h):
BIT
D7
D6
D5
D4
D3
D2
D1
D0
Value
0.5
0.25
0.125
0000
0
For RTLB D7–D5: Temperature Data. LSB = 0.125˚C. Two’s complement format.
The maximum value available from the Local Temperature register is 127; the minimum value available from the Local
Temperature register is -128. The maximum value available from the Remote Temperature register is 127.875; the minimum value
available from the Remote Temperature registers is −128.875.
2.3 STATUS REGISTER (SR)
(Read Only Address 02h):
D7
D6
D5
D4
D3
D2
D1
D0
Busy
LHIGH
LLOW
RHIGH
RLOW
OPEN
RCRIT
LCRIT
Power up default is with all bits “0” (zero).
D0: LCRIT: When set to “1” indicates a Local Critical Temperature alarm.
D1: RCRIT: When set to “1” indicates a Remote Diode Critical Temperature alarm.
D2: OPEN: When set to “1” indicates a Remote Diode disconnect.
D3: RLOW: When set to “1” indicates a Remote Diode LOW Temperature alarm
D4: RHIGH: When set to “1” indicates a Remote Diode HIGH Temperature alarm.
D5: LLOW: When set to “1” indicates a Local LOW Temperature alarm.
D6: LHIGH: When set to “1” indicates a Local HIGH Temperature alarm.
D7: Busy: When set to “1” ADC is busy converting.
2.4 CONFIGURATION REGISTER
(Read Address 03h /Write Address 09h):
D7
D6
D5
D4
D3
D2
D1
D0
ALERT mask
RUN/STOP
0
Remote
T_CRIT_A
mask
0
Local
T_CRIT_A
mask
0
Fault Queue
Power up default is with all bits “0” (zero)
D7: ALERT mask: When set to “1” ALERT interrupts are masked.
www.national.com
14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com