Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

STA304A Datasheet(PDF) 16 Page - STMicroelectronics

Part # STA304A
Description  DIGITAL AUDIO PROCESSOR WITH MULTICHANNEL DDX?
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA304A Datasheet(HTML) 16 Page - STMicroelectronics

Back Button STA304A Datasheet HTML 12Page - STMicroelectronics STA304A Datasheet HTML 13Page - STMicroelectronics STA304A Datasheet HTML 14Page - STMicroelectronics STA304A Datasheet HTML 15Page - STMicroelectronics STA304A Datasheet HTML 16Page - STMicroelectronics STA304A Datasheet HTML 17Page - STMicroelectronics STA304A Datasheet HTML 18Page - STMicroelectronics STA304A Datasheet HTML 19Page - STMicroelectronics STA304A Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 30 page
background image
STA304A
16/30
10.0 COEFFICIENT HANDLING
In order to implement the Static EQ filters and the Bass management, a RAM space for user coefficients has
been included in this device: starting from address 240h (YRAM) there are 69 x 20 bit registers available for this
purpose. In order to be able to read or write into these registers an indirected addressing approach must be
followed by the application software. As showed in Figure 8 there are two AC'97 dedicated registers (4 x 8 bits
registers from I2C point of view) to access the coefficient table. In register 78h (78h + 79h in I2C addressing)
the 16 low bits of the coefficient are stored (by the user in case of a write operation, by the logic in case of a
read operation); the higher 4 bits are stored in the lowest nibble of register 7Ah (7Bh in I2C addressing). The
address of the coefficient on which the R/W operation must be performed is stored in the high byte of register
7Ah. The address is made adding the coefficient index to the base location 40h.
To select between Read or Write operation the 'R' bit in register 7Ah (7Bh in I2C addressing) must be properly
setup. The actual read/write operation will start after the register 7Ah (7Bh in I2C addressing) has be written.
The following paragraphs will explain this in more details.
Figure 12. Coefficient registers usage
10.1 Reading a coefficient value
Depending on the bus used to read the coefficient the following steps must be followed:
Reading from AC’97
– write 8 bit INDEX 40h and R/W bit at AC`97 address 7Ah
– read 16 lower data bits at AC`97 address 78h
– read 4 higher data bits at AC`97 address 7Ah
Reading from I2C
– write 8 bit address at I2C address 7Ah coeff INDEX + 40h
– write R/W bit at I2C address 7Bh
– read 8 middle data bits at I2C address 78h
– read 8 lower data bits at I2C address 79h
– read 4 higher data bits at I2C address 7Bh
10.2 Writing a coefficient value
Depending on the bus used to write the coefficient the following steps must be followed:
Writing from AC’97
– write 16 lower bit data at AC`97 address 78h
– write 8 bit INDEX + 40h and R/W bit and 4 higher data bits at AC`97 address 7Ah
Writing from I2C
– write 8 middle data bits at I2C address 78h
– write 8 lower data bits at I2C address 79h
– write 8 bit address at I2C address 7Ah coeff INDEX + 40h
– write 4 higher data bits and R/W bit at I2C address 7Bh
Coefficient[15..0]
Coeff. Address (8 bits)
Coefficient[19..16]
R-x-x-x
Bit 0
Bit 15
78h
7Ah
AC`97
78h
7Ah
I2C
79h
7Bh
R : set this bit to 1 for reading a coefficient, 0 for writing it.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com