Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

STA304A Datasheet(PDF) 26 Page - STMicroelectronics

Part # STA304A
Description  DIGITAL AUDIO PROCESSOR WITH MULTICHANNEL DDX?
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA304A Datasheet(HTML) 26 Page - STMicroelectronics

Back Button STA304A Datasheet HTML 22Page - STMicroelectronics STA304A Datasheet HTML 23Page - STMicroelectronics STA304A Datasheet HTML 24Page - STMicroelectronics STA304A Datasheet HTML 25Page - STMicroelectronics STA304A Datasheet HTML 26Page - STMicroelectronics STA304A Datasheet HTML 27Page - STMicroelectronics STA304A Datasheet HTML 28Page - STMicroelectronics STA304A Datasheet HTML 29Page - STMicroelectronics STA304A Datasheet HTML 30Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 26 / 30 page
background image
STA304A
26/30
12.11Phantom Center Register (add. 60h)
Setting bit 0 enables the phantom center channel feature. When this feature is on, the content of the center
channel is split and added to the L and R channels.
12.12DDX Gain Register (add. 62h)
bypass:
0
means that the DDX gain depends from CRA bits 2 and 3
1 the DDX gain depends from D13-D9 bits plus D14 bit (CRA bit 2 and 3 are ignored)
GCEN:
if D15 = 1 set (1) or remove (0) the ddx output compressor
Vol4...Vol0
The STA304A provides continuous digital gain and limiting functionality. Digital gain is variable from 0dB to
+23.25dB in 0.75dB steps based in the 62h register when the bit 15 is set. If the bit 15 is not set, th STA304A
defaults to the original Gain/Limiting truth table based on DDX_Gain bits (12.9). The GCEN bit when set enables
limiting to prevent clipping. This limiter uses a peak detect algoritthm for attack and a RMS detect for release.
The attack threshold is set at full DDX output power and will therefore reduce the gain when clipping is occuring.
The release threshold is set slightly below this to allow for a minimum dynamic range.
Figure 16.
D15
D14
D13
D12
D11
D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
Phantom
D15
D14
D13
D12
D11
D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
bypass
GCEN
Vol4
Vol3
Vol2
Vol1
Vol0
XXXXXXXX
X
Vol
dB
00000
+23.25
00001
+22.5
00010
+21.75
- - - -
01111
+12
10000
+11.25
- - - -
11101
+1.50
11110
+0.75
11111
0
LIMITER
GAIN/VOLUME
INPUT
OUTPUT
ATTENUATION
GAIN
RMS
SATURATION
D01AU1313



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com