Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

STA304A Datasheet(PDF) 23 Page - STMicroelectronics

Part # STA304A
Description  DIGITAL AUDIO PROCESSOR WITH MULTICHANNEL DDX?
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA304A Datasheet(HTML) 23 Page - STMicroelectronics

Back Button STA304A Datasheet HTML 19Page - STMicroelectronics STA304A Datasheet HTML 20Page - STMicroelectronics STA304A Datasheet HTML 21Page - STMicroelectronics STA304A Datasheet HTML 22Page - STMicroelectronics STA304A Datasheet HTML 23Page - STMicroelectronics STA304A Datasheet HTML 24Page - STMicroelectronics STA304A Datasheet HTML 25Page - STMicroelectronics STA304A Datasheet HTML 26Page - STMicroelectronics STA304A Datasheet HTML 27Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 30 page
background image
23/30
STA304A
12.9 Configuration Register A (CRA) : add. 5Ah
NOTE: In TEST_MODE -> PLL_Bypass = 0.
Table 1. SRC Threshold
D15
D14
D13
D12
D11
D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
SRC_By
pass
DRLL_d
bg
SRC_TH
R_1
SRC_TH
R_0
SPDIF_
Mode
I2S_SP
DIF_Sel
MCKOU
T_Mode
PLL_By
pass
PLL_Fac
tor
DDX_P
wrMode
DDX_ZD
_Enable
DDX_Rst DDX_Ga
in_1
DDX_Ga
in_0
I2SI_DBU
FF_Mode
AC97_F
C_Mode
BIT
R/W
RST
NAME
DESCRIPTION
0
R/W
0
AC97_FC_Mode
AC’97 Full Compliant Mode (0 to enable). When in FC mode any read
of registers will return only valid bits: bits marked as ‘reserved’ by
AC’97 v2.0 specification will return 0, regardless of the RAM
contents.
1
R/W
0
I2SI_DBUFF_Mode
Enable DoubleBuffer mode for the I2S input interface (write1 to
enable this option) . This is strongly required if this interface is
operated in slave mode at 48KHz, synchronous with the input source.
In this condition also Sample Rate Converter Bypass is suggested to
omprove performances
2
R/W
0
DDX_Gain_0
DDX Gain setting (LSb/MSb). These two bits, concatenated, will set
the DDX stage gain and the compression as shown in Table 1.
(These setting is active only if bit 15 reg 62h is 0)
3
R/W
0
DDX_Gain_1
4
R/W
1
DDX_Rst
DDX Reset (active high)
5
R/W
1
DDX_ZD_Enable
DDX Zero Detect feature. If this bit is 1 the feature is enabled.
6
R/W
1
DDX_PwrMode
DDX Power Mode (TRUTH Table). Using this bit it is possible to select
the truth table used by the DDX digital output stage (1 = ST standard)
7
R/W
0
PLL_Factor
PLL Factor (x2 or x8). It should be used according to the input
frequency provided to the device: 1 (x8) when 6.144 MHz are
provided, 0 (x2) when 24.576 MHz.
8
R/W
1
PLL_Bypass
PLL Bypass. Setting this bit to 0 will bypass the PLL; internal master
clock will be directly connected to XTI pin.
9
R/W
0
MCKOUT_Mode
MckOut mode: 12.288 MHz (1) or 24.576 MHz (0).
10
R/W
0
I2S_SPDIF_Sel
I2S - S/PDIF Selector. Select the input source: set to 0 for I2S input, 1
for S/PDIF input.
11
R/W
0
SPDIF_Mode
S/PDIF Mode. Set to 0 to select Analog mode, 1 to select Digital
mode.
12
R/W
1
SRC_THR_0
Sample Rate threshold (LSb/MSb). These bits are used to select the
threshold frequency enabling the SRC anti-alias filter.
13
R/W
0
SRC_THR_1
Table 2 shows the threshold selections.
14
R/W
0
DRLL_dbg
DRLL Debug Mode. When this mode is activated (1) the DRLL digital
ratio is latched on the output channels instead of the audio data.
15
R/W
0
SRC_Bypass
SRC Bypass. Setting this bit to 1 the SRC block can be bypassed and
the selected input I/F is directly connected to the DSP.
SRC_THR_0
SRC_THR_1
Threshold Frequency
0
0
INACTIVE
0
1
58.875 to 61.125kHz
1
0
78.973 to 81.000kHz
1
1
always active



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com