Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

NT7502 Datasheet (PDF) - List of Unclassifed Manufacturers

NT7502 Datasheet PDF - List of Unclassifed Manufacturers
Part # NT7502
Download  NT7502 Download
File Size   2655.65 Kbytes
Page   54 Pages
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers
Description 65 X 132 RAM-Map LCD Controller / Driver

NT7502 Datasheet (PDF)

Go To PDF Page Download Datasheet
NT7502 Datasheet PDF - List of Unclassifed Manufacturers

Part # NT7502
Download  NT7502 Click to download

File Size   2655.65 Kbytes
Page   54 Pages
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers
Description 65 X 132 RAM-Map LCD Controller / Driver

NT7502 Datasheet (HTML) - List of Unclassifed Manufacturers


NT7502 Product details

[Novatek]



General Description

The NT7502 is a single-chip LCD driver for dot-matrix liquid crystal displays which is directly connectable to a microcomputer bus. It accepts 8-bit serial or parallel display data directly sent from a microcomputer and stores it in an on-chip display RAM. It generates a LCD drive signal independent of the microprocessor clock.

The set of the on-chip display RAM of 65 X 132 bits and a one-to-one correspondence between LCD panel pixel dots and on-chip RAM bits permit implementation of displays with a high degree of freedom.

The NT7502 contains 65 common output circuits and 132 segment output circuits, so that a single chip of NT7502 can make 65 X 132, 55 X 132, 49 X 132 and 33 X 132 dot displays with pad option (DUTY1, DUTY0).

No external operation clock is required for RAM read/write operations. Accordingly, this driver can be operated with a minimum current consumption and its onboard low-current-consumption liquid crystal power supply can implement a high-performance handy display system with minimum current consumption and the smallest LSI configuration.



Features

■ Direct RAM data display using the display RAM. When RAM data bit is 0, it is not displayed. When RAM data bit is 1, it is displayed. (At normal display)

■ RAM capacity: 65 X 132 = 8580 bits

■ Many command functions: Read/Write Display Data.

   Display ON/OFF. Normal/Reverse Display. Page Address Set. Set Display Start Line. Set LCD Bias, Electronic contrast Controls, V0 voltage regulation internal resistor ratio set, Read Modify Write, Select Segment Driver Direction, Power Save

■ High-speed 8-bit microprocessor interface allowing direct connection to both the 8080 and 6800

■ Serial interface

■ Power supply voltage: 2.4 - 3.5V

■ Maximum 12V LCD driving output voltage

■ 2X / 3X / 4X on chip DC-DC converter

■ Voltage regulator

■ Voltage follower

■ On-chip oscillator



 




Similar Part No. - NT7502

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
NT7501 ETC-NT7501 Datasheet
319Kb / 38P
33 X 100 RAM-Map LCD Controller/Driver
NT7501H-BDT ETC-NT7501H-BDT Datasheet
319Kb / 38P
33 X 100 RAM-Map LCD Controller/Driver
More results


Similar Description - NT7502

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJU6677 NJRC-NJU6677 Datasheet
536Kb / 45P
88-common x 132-segment BIT MAP LCD DRIVER
logo
List of Unclassifed Man...
NT7501 ETC-NT7501 Datasheet
319Kb / 38P
33 X 100 RAM-Map LCD Controller/Driver
ST7565S ETC1-ST7565S Datasheet
715Kb / 73P
65 x 132 Dot Matrix LCD Controller/Driver
logo
Sitronix Technology Co....
ST7565P SITRONIX-ST7565P Datasheet
858Kb / 71P
65 x 132 Dot Matrix LCD Controller/Driver
ST7565R SITRONIX-ST7565R Datasheet
1Mb / 72P
65 x 132 Dot Matrix LCD Controller/Driver
ST7565S SITRONIX-ST7565S Datasheet
675Kb / 72P
65 x 132 Dot Matrix LCD Controller/Driver
ST7565V SITRONIX-ST7565V Datasheet
877Kb / 72P
65 x 132 Dot Matrix LCD Controller/Driver
ST7567 SITRONIX-ST7567 Datasheet
682Kb / 49P
65 x 132 Dot Matrix LCD Controller/Driver
ST7565 SITRONIX-ST7565 Datasheet
468Kb / 56P
65 x 132 Dot Matrix LCD Controller/Driver
logo
Novatek Microelectronic...
NT7538 NOVATEK-NT7538 Datasheet
1Mb / 68P
132 X 65 RAM-Map STN LCD Controller/Driver
V1.0
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com