Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

NT7502 Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

Part # NT7502
Description  65 X 132 RAM-Map LCD Controller / Driver
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

NT7502 Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

Back Button NT7502 Datasheet HTML 2Page - List of Unclassifed Manufacturers NT7502 Datasheet HTML 3Page - List of Unclassifed Manufacturers NT7502 Datasheet HTML 4Page - List of Unclassifed Manufacturers NT7502 Datasheet HTML 5Page - List of Unclassifed Manufacturers NT7502 Datasheet HTML 6Page - List of Unclassifed Manufacturers NT7502 Datasheet HTML 7Page - List of Unclassifed Manufacturers NT7502 Datasheet HTML 8Page - List of Unclassifed Manufacturers NT7502 Datasheet HTML 9Page - List of Unclassifed Manufacturers NT7502 Datasheet HTML 10Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 54 page
background image
NT7502
System Bus Connection Pads
Pad No.
Symbol
I/O
Descriptions
17 - 24
D0 - D7
(SI)
(SCL)
I/O
This is an 8-bit bi-directional data bus that connects to an 8-bit or 16-bit
standard MPU data bus.
When the serial interface is selected (P/S = “L”), then D7 serves as the serial
data input terminal (SI) and D6 serves as the serial clock input terminal (SCL)
At this time, D0 to D5 are set to high impedance.
When the chip select is inactive, D0 to D7 are set to high impedance.
12
A0
I
This is connected to the least significant bit of the normal MPU address bus,
and it determines whether the data bits are data or a command
A0 = “H” indicating that D0 to D7 are display data, and
A0 = “L” indicating that D0 to D7 are control data.
11
RES
I
When RES is set to “L”, the settings are initialized.
The reset operation is performed by the RES signal level.
8, 9
1
CS CS2
I
This is the chip select signal. When
1
CS = “L” and CS2 = “H”, then the chip
select becomes active, and data/command I/O is enabled.
15
RD
(E)
I
When connected to an 8080 MPU, it is active LOW.
This pad is connected to the RD signal of the 8080MPU, and the NT7502
data bus is in an output status when this signal is “L”.
When connected to a 6800 Series MPU, this is active HIGH.
This is used as an enable clock input of the 6800 series MPU.
14
WR
(
W
/
R
)
I
When connected to an 8080 MPU, this is active LOW. This terminal connects
to the 8080 MPU WR signal. The signals on the data bus are latched at the
rising edge of the WR signal.
When connected to a 6800 Series MPU, this is the read/write control signal
input terminal.
When
W
R /
= “H”: Read
When
W
R /
= “L”: Write
75
C86
I
This is the MPU interface switch terminal
C86 = “H”: 6800 Series MPU interface
C86 = “L”: 8080 MPU interface
76
P/S
I
This is the parallel data input/serial data input switch terminal
P/S = “H”: Parallel data input
P/S = “L”: Serial data input
The following applies depending on the P/S status:
P/S
Data/Command
Data
Read/Write
Serial Clock
"H"
A0
D0 to D7
"L"
A0
SI (D7)
Write only
SCL (D6)
RDWR
When P/S = “L”, D0 to D5 are HZ. D0 to D5 may be “H”, “L” or Open.
RD
(E) and WR (
W
R /
) are fixed to either “H” or “L”. With serial data input,
RAM display data reading is not supported.
73
CLS
I
Terminal is used to select whether enable or disable the display clock internal
oscillator circuit.
CLS = “H”: Internal oscillator circuit is enabled
CLS = “L”: Internal oscillator circuit is disabled (requires external input).
When CLS = “L”, input the display clock through the CL pad.
6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com