Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

NT7502 Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # NT7502
Description  65 X 132 RAM-Map LCD Controller / Driver
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

NT7502 Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

Back Button NT7502 Datasheet HTML 3Page - List of Unclassifed Manufacturers NT7502 Datasheet HTML 4Page - List of Unclassifed Manufacturers NT7502 Datasheet HTML 5Page - List of Unclassifed Manufacturers NT7502 Datasheet HTML 6Page - List of Unclassifed Manufacturers NT7502 Datasheet HTML 7Page - List of Unclassifed Manufacturers NT7502 Datasheet HTML 8Page - List of Unclassifed Manufacturers NT7502 Datasheet HTML 9Page - List of Unclassifed Manufacturers NT7502 Datasheet HTML 10Page - List of Unclassifed Manufacturers NT7502 Datasheet HTML 11Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 54 page
background image
NT7502
System Bus Connection Pads (continue)
Pad No.
Symbol
I/O
Description
72
M/S
I
This terminal selects the master/slave operation for the NT7502 chips.
Master operation outputs the timing signals that are required for the LCD display,
while slave operation inputs the timing signals required for the liquid crystal display,
synchronizing the liquid crystal display system.
4
CL
I/O
This is the display clock input terminal.
When the NT7502 chips are used in master/slave mode, the various CL
terminals must be connected.
3
FR
I/O
This is the liquid crystal alternating current signal I/O terminal
M/S = “H”: Output.
M/S = “L”: Input.
When the NT7502 chip is used in master/slave mode, the various FR terminals
must be connected.
5
DOF
I/O
This is the liquid crystal display blanking control terminal.
M/S = “H”: Output.
M/S = “L”: Input.
When the NT7502 chip is used in master/slave mode, the various DOF terminals
must be connected.
2
FRS
O
This is the output terminal for the static drive.
This terminal is only enabled when the static indicator display is ON in
master operation mode, and is used in conjunction with the FR terminal.
80
IRS
I
This terminal selects the resistors for the V0 voltage level adjustment
IRS = “H”, Use the internal resistors.
IRS = “L”, Do not use the internal resistors.
The V0 voltage level is regulated by an external resistive voltage divider
attached to the VR terminal.
This pad is enabled only when the master operation mode is selected.
It is fixed to either “H” or “L” when the slave operation mode is selected.
78
HPM
I
This is the power control terminal for the power supply circuit for liquid
crystal drive.
HPM
= “H”, Normal mode
HPM
= “L”, High power mode
This pad is enabled only when the master operation mode is selected.
It is fixed to either “H” or “L” when the slave operation mode is selected.
7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com