Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

74AUP1G373 Datasheet (PDF) - Nexperia B.V. All rights reserved

74AUP1G373 Datasheet PDF - Nexperia B.V. All rights reserved
Part # 74AUP1G373
Download  74AUP1G373 Download
File Size   302.66 Kbytes
Page   20 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description Low-power D-type transparent latch; 3-state

74AUP1G373 Datasheet (PDF)

Go To PDF Page Download Datasheet
74AUP1G373 Datasheet PDF - Nexperia B.V. All rights reserved

Part # 74AUP1G373
Download  74AUP1G373 Click to download

File Size   302.66 Kbytes
Page   20 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description Low-power D-type transparent latch; 3-state

74AUP1G373 Datasheet (HTML) - Nexperia B.V. All rights reserved


74AUP1G373 Product details

1. General description
The 74AUP1G373 is a single D-type transparent latch; 3-state. Schmitt-trigger action at all inputs
makes the circuit tolerant of slower input rise and fall times. This device ensures very low static
and dynamic power consumption across the entire VCC range from 0.8 V to 3.6 V. This device is
fully specified for partial power-down applications using IOFF. The IOFF circuitry disables the output,
preventing the potentially damaging backflow current through the device when it is powered down.
2. Features and benefits
• Wide supply voltage range from 0.8 V to 3.6 V
• High noise immunity
• CMOS low power dissipation
• Low static power consumption; ICC = 0.9 μA (maximum)
• Overvoltage tolerant inputs to 3.6 V
• Low noise overshoot and undershoot < 10 % of VCC
• IOFF circuitry provides partial Power-down mode operation
• Latch-up performance exceeds 100 mA per JESD 78 Class II Level B
• Complies with JEDEC standards:
• JESD8-12 (0.8 V to 1.3 V)
• JESD8-11 (0.9 V to 1.65 V)
• JESD8-7 (1.65 V to 1.95 V)
• JESD8-5 (2.3 V to 2.7 V)
• JESD8C (2.7 V to 3.6 V)
• ESD protection:
• HBM JESD22-A114F Class 3A exceeds 5000 V
• MM JESD22-A115-A exceeds 200 V
• CDM JESD22-C101E exceeds 1000 V
• Multiple package options
• Specified from -40 °C to +85 °C and -40 °C to +125 °C




Similar Part No. - 74AUP1G373

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74AUP1G373 PHILIPS-74AUP1G373 Datasheet
106Kb / 22P
Low-power D-type transparent latch; 3-state
Rev. 02-20 July 2007
74AUP1G373 NXP-74AUP1G373 Datasheet
114Kb / 22P
Low-power D-type transparent latch; 3-state
Rev. 03-9 January 2008
logo
Nexperia B.V. All right...
74AUP1G373-Q100 NEXPERIA-74AUP1G373-Q100 Datasheet
728Kb / 21P
Low-power D-type transparent latch; 3-state
logo
NXP Semiconductors
74AUP1G373GF PHILIPS-74AUP1G373GF Datasheet
106Kb / 22P
Low-power D-type transparent latch; 3-state
Rev. 02-20 July 2007
74AUP1G373GF NXP-74AUP1G373GF Datasheet
114Kb / 22P
Low-power D-type transparent latch; 3-state
Rev. 03-9 January 2008
More results


Similar Description - 74AUP1G373

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74ALVC573 PHILIPS-74ALVC573 Datasheet
108Kb / 20P
Octal D-type transparent latch 3-state
2003 Jun 25
logo
List of Unclassifed Man...
74HC373 ETC1-74HC373 Datasheet
243Kb / 5P
OCTAL D-TYPE TRANSPARENT LATCH 3-STATE
logo
NXP Semiconductors
74AUP1G373 PHILIPS-74AUP1G373 Datasheet
106Kb / 22P
Low-power D-type transparent latch; 3-state
Rev. 02-20 July 2007
logo
KODENSHI_AUK CORP.
KK74LV373 KODENSHI-KK74LV373 Datasheet
330Kb / 6P
Octal D-type transparent latch; 3-state
KK74LV374 KODENSHI-KK74LV374 Datasheet
328Kb / 6P
Octal D-type transparent latch; 3-state
logo
IK Semicon Co., Ltd
IN74LV573 IKSEMICON-IN74LV573 Datasheet
334Kb / 8P
Octal D-type transparent latch (3-State)
logo
NXP Semiconductors
74AUP1G373 NXP-74AUP1G373 Datasheet
114Kb / 22P
Low-power D-type transparent latch; 3-state
Rev. 03-9 January 2008
74AUP1G373 PHILIPS-74AUP1G373_15 Datasheet
231Kb / 25P
Low-power D-type transparent latch; 3-state
Rev. 6-4 July 2012
logo
ON Semiconductor
NL17SG373 ONSEMI-NL17SG373 Datasheet
119Kb / 10P
Low-Power D-Type Transparent Latch with 3-State Output
June, 2014 ??Rev. 1
logo
Nexperia B.V. All right...
74AUP1G373-Q100 NEXPERIA-74AUP1G373-Q100 Datasheet
728Kb / 21P
Low-power D-type transparent latch; 3-state
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com