Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

74AUP1G373 Datasheet(PDF) 4 Page - Nexperia B.V. All rights reserved

Part # 74AUP1G373
Description  Low-power D-type transparent latch; 3-state
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

74AUP1G373 Datasheet(HTML) 4 Page - Nexperia B.V. All rights reserved

  74AUP1G373 Datasheet HTML 1Page - Nexperia B.V. All rights reserved 74AUP1G373 Datasheet HTML 2Page - Nexperia B.V. All rights reserved 74AUP1G373 Datasheet HTML 3Page - Nexperia B.V. All rights reserved 74AUP1G373 Datasheet HTML 4Page - Nexperia B.V. All rights reserved 74AUP1G373 Datasheet HTML 5Page - Nexperia B.V. All rights reserved 74AUP1G373 Datasheet HTML 6Page - Nexperia B.V. All rights reserved 74AUP1G373 Datasheet HTML 7Page - Nexperia B.V. All rights reserved 74AUP1G373 Datasheet HTML 8Page - Nexperia B.V. All rights reserved 74AUP1G373 Datasheet HTML 9Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
Nexperia
74AUP1G373
Low-power D-type transparent latch; 3-state
9. Recommended operating conditions
Table 6. Recommended operating conditions
Symbol Parameter
Conditions
Min
Max
Unit
VCC
supply voltage
0.8
3.6
V
VI
input voltage
0
3.6
V
Active mode
0
VCC
V
VO
output voltage
Power-down mode; VCC = 0 V
0
3.6
V
Tamb
ambient temperature
-40
+125
°C
Δt/ΔV
input transition rise and fall rate
VCC = 0.8 V to 3.6 V
-
200
ns/V
10. Static characteristics
Table 7. Static characteristics
At recommended operating conditions; voltages are referenced to GND (ground = 0 V).
Symbol Parameter
Conditions
Min
Typ
Max
Unit
Tamb = 25 °C
VCC = 0.8 V
0.70 × VCC
-
-
V
VCC = 0.9 V to 1.95 V
0.65 × VCC
-
-
V
VCC = 2.3 V to 2.7 V
1.6
-
-
V
VIH
HIGH-level input
voltage
VCC = 3.0 V to 3.6 V
2.0
-
-
V
VCC = 0.8 V
-
-
0.30 × VCC V
VCC = 0.9 V to 1.95 V
-
-
0.35 × VCC V
VCC = 2.3 V to 2.7 V
-
-
0.7
V
VIL
LOW-level input
voltage
VCC = 3.0 V to 3.6 V
-
-
0.9
V
VI = VIH or VIL
IO = -20 μA; VCC = 0.8 V to 3.6 V
VCC - 0.1
-
-
V
IO = -1.1 mA; VCC = 1.1 V
0.75 × VCC
-
-
V
IO = -1.7 mA; VCC = 1.4 V
1.11
-
-
V
IO = -1.9 mA; VCC = 1.65 V
1.32
-
-
V
IO = -2.3 mA; VCC = 2.3 V
2.05
-
-
V
IO = -3.1 mA; VCC = 2.3 V
1.9
-
-
V
IO = -2.7 mA; VCC = 3.0 V
2.72
-
-
V
VOH
HIGH-level output
voltage
IO = -4.0 mA; VCC = 3.0 V
2.6
-
-
V
VI = VIH or VIL
IO = 20 μA; VCC = 0.8 V to 3.6 V
-
-
0.1
V
IO = 1.1 mA; VCC = 1.1 V
-
-
0.3 × VCC V
IO = 1.7 mA; VCC = 1.4 V
-
-
0.31
V
IO = 1.9 mA; VCC = 1.65 V
-
-
0.31
V
IO = 2.3 mA; VCC = 2.3 V
-
-
0.31
V
IO = 3.1 mA; VCC = 2.3 V
-
-
0.44
V
IO = 2.7 mA; VCC = 3.0 V
-
-
0.31
V
VOL
LOW-level output
voltage
IO = 4.0 mA; VCC = 3.0 V
-
-
0.44
V
74AUP1G373
All information provided in this document is subject to legal disclaimers.
© Nexperia B.V. 2022. All rights reserved
Product data sheet
Rev. 9 — 20 January 2022
4 / 20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com