Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

74AUP1G373 Datasheet(PDF) 7 Page - Nexperia B.V. All rights reserved

Part # 74AUP1G373
Description  Low-power D-type transparent latch; 3-state
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

74AUP1G373 Datasheet(HTML) 7 Page - Nexperia B.V. All rights reserved

Back Button 74AUP1G373 Datasheet HTML 3Page - Nexperia B.V. All rights reserved 74AUP1G373 Datasheet HTML 4Page - Nexperia B.V. All rights reserved 74AUP1G373 Datasheet HTML 5Page - Nexperia B.V. All rights reserved 74AUP1G373 Datasheet HTML 6Page - Nexperia B.V. All rights reserved 74AUP1G373 Datasheet HTML 7Page - Nexperia B.V. All rights reserved 74AUP1G373 Datasheet HTML 8Page - Nexperia B.V. All rights reserved 74AUP1G373 Datasheet HTML 9Page - Nexperia B.V. All rights reserved 74AUP1G373 Datasheet HTML 10Page - Nexperia B.V. All rights reserved 74AUP1G373 Datasheet HTML 11Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
Nexperia
74AUP1G373
Low-power D-type transparent latch; 3-state
Symbol Parameter
Conditions
Min
Typ
Max
Unit
II
input leakage current VI = GND to 3.6 V; VCC = 0 V to 3.6 V
-
-
±0.75
μA
IOZ
OFF-state output
current
VI = VIH or VIL; VO = 0 V to 3.6 V;
VCC = 0 V to 3.6 V
-
-
±0.75
μA
IOFF
power-off leakage
current
VI or VO = 0 V to 3.6 V; VCC = 0 V
-
-
±0.75
μA
ΔIOFF
additional power-off
leakage current
VI or VO = 0 V to 3.6 V; VCC = 0 V to 0.2 V
-
-
±0.75
μA
ICC
supply current
VI = GND or VCC; IO = 0 A;
VCC = 0.8 V to 3.6 V
-
-
1.4
μA
ΔICC
additional supply
current
VI = VCC - 0.6 V; IO = 0 A; VCC = 3.3 V
[1]
-
-
75
μA
[1] One input at VCC - 0.6 V, other input at VCC or GND.
11. Dynamic characteristics
Table 8. Dynamic characteristics
Voltages are referenced to GND (ground = 0 V); for test circuit see Fig. 11.
25 °C
-40 °C to
+85 °C
-40 °C to
+125 °C
Symbol Parameter Conditions
Min Typ [1] Max
Min
Max
Min
Max
Unit
CL = 5 pF
D to Q; see Fig. 7
[2]
VCC = 0.8 V
-
21.4
-
-
-
-
-
ns
VCC = 1.1 V to 1.3 V
2.8
6.6
13.5
2.6
13.8
2.6
15.2 ns
VCC = 1.4 V to 1.6 V
2.4
4.6
7.8
2.1
8.3
2.1
9.1 ns
VCC = 1.65 V to 1.95 V
1.9
3.7
6.2
1.6
6.7
1.6
7.3 ns
VCC = 2.3 V to 2.7 V
1.8
2.9
4.1
1.5
4.5
1.5
4.9 ns
VCC = 3.0 V to 3.6 V
1.5
2.5
3.5
1.2
4.0
1.2
4.5 ns
LE to Q; see Fig. 8
[2]
VCC = 0.8 V
-
20.3
-
-
-
-
-
ns
VCC = 1.1 V to 1.3 V
2.7
6.2
13.6
2.5
14.0
2.5
15.4 ns
VCC = 1.4 V to 1.6 V
2.3
4.4
7.6
2.0
8.5
2.0
9.3 ns
VCC = 1.65 V to 1.95 V
1.8
3.5
5.8
1.5
6.7
1.5
7.3 ns
VCC = 2.3 V to 2.7 V
1.5
2.6
4.0
1.3
4.4
1.3
4.8 ns
tpd
propagation
delay
VCC = 3.0 V to 3.6 V
1.3
2.2
3.3
1.1
3.8
1.1
4.2 ns
OE to Q; see Fig. 10
[3]
VCC = 0.8 V
-
17.9
-
-
-
-
-
ns
VCC = 1.1 V to 1.3 V
3.2
5.1
9.2
3.0
9.2
3.0
10.1 ns
VCC = 1.4 V to 1.6 V
2.6
3.8
5.8
2.4
6.1
2.4
6.7 ns
VCC = 1.65 V to 1.95 V
2.2
3.3
4.8
2.0
5.0
2.0
5.5 ns
VCC = 2.3 V to 2.7 V
2.0
2.7
3.8
1.8
4.0
1.8
4.4 ns
ten
enable time
VCC = 3.0 V to 3.6 V
1.9
2.5
3.4
1.8
3.6
1.8
4.0 ns
74AUP1G373
All information provided in this document is subject to legal disclaimers.
© Nexperia B.V. 2022. All rights reserved
Product data sheet
Rev. 9 — 20 January 2022
7 / 20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com