Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

LAE67F Datasheet(PDF) 6 Page - OSRAM GmbH

Part # LAE67F
Description  Power TOPLED
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LAE67F Datasheet(HTML) 6 Page - OSRAM GmbH

Back Button LAE67F Datasheet HTML 2Page - OSRAM GmbH LAE67F Datasheet HTML 3Page - OSRAM GmbH LAE67F Datasheet HTML 4Page - OSRAM GmbH LAE67F Datasheet HTML 5Page - OSRAM GmbH LAE67F Datasheet HTML 6Page - OSRAM GmbH LAE67F Datasheet HTML 7Page - OSRAM GmbH LAE67F Datasheet HTML 8Page - OSRAM GmbH LAE67F Datasheet HTML 9Page - OSRAM GmbH LAE67F Datasheet HTML 10Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 21 page
background image
2014-04-24
6
Version 1.1
LA E67F dual binning
Forward Voltage Groups (I
F = 50 mA)
4) page 20
Durchlassspannungsgruppen 4) Seite 20
Dominant Wavelength Groups (I
F = 4 mA)
3) page 20
Dominant Wellenlängengruppen 3) Seite 20
Dominant Wavelength Groups (I
F = 50 mA)
3) page 20
Dominant Wellenlängengruppen 3) Seite 20
Group
Gruppe
(min.) V
F [V]
(max.) V
F [V]
3A
1.90
2.05
3B
2.05
2.20
4A
2.20
2.35
4B
2.35
2.50
Group
amber
Gruppe
(min.) λ
dom
[nm]
(max.) λ
dom
[nm]
1
611
624
Group
amber
Gruppe
(min.) λ
dom
[nm]
(max.) λ
dom
[nm]
2
612
616
3
616
620
4
620
624
Note:
No packing unit / tape ever contains more than one color group for each selection.
Anm.:
In einer Verpackungseinheit / Gurt ist immer nur eine Gruppe für jede Farbe enthalten.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com