Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

LAE67F Datasheet(PDF) 1 Page - OSRAM GmbH

Part # LAE67F
Description  Power TOPLED
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LAE67F Datasheet(HTML) 1 Page - OSRAM GmbH

  LAE67F Datasheet HTML 1Page - OSRAM GmbH LAE67F Datasheet HTML 2Page - OSRAM GmbH LAE67F Datasheet HTML 3Page - OSRAM GmbH LAE67F Datasheet HTML 4Page - OSRAM GmbH LAE67F Datasheet HTML 5Page - OSRAM GmbH LAE67F Datasheet HTML 6Page - OSRAM GmbH LAE67F Datasheet HTML 7Page - OSRAM GmbH LAE67F Datasheet HTML 8Page - OSRAM GmbH LAE67F Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 21 page
background image
2014-04-24
1
2014-04-24
Power TOPLED
Datasheet
Version 1.1
LA E67F dual binning
PowerTOPLED, a powerful member of the TOPLED
family. Thanks to their high luminous efficacy, the
LEDs are ideal for rear light clusters and indicators on
vehicles.
PowerTOPLED, a powerful member of the TOPLED
family. Thanks to their high luminous efficacy, the
LEDs are ideal for rear light clusters and indicators on
vehicles.
Features:
Besondere Merkmale:
• Package: white PLCC-4 package, colorless clear
resin
•
Gehäusetyp: weisses PLCC-4 Gehäuse,
farbloser klarer Verguss
• Technology: InGaAlP Thinfilm
•
Technologie: InGaAlP Thinfilm
• Viewing angle at 50 % I
V: 120° (Lambertian
Emitter)
•
Abstrahlwinkel bei 50 % I
V: 120° (Lambertscher
Strahler)
• Color: amber (617 nm)
•
Farbe: amber (617 nm)
• Corrosion Robustness: Improved corrosion
robustness
•
Korrosionsstabilität: Verbesserte
Korrosionsstabilität
Applications
Anwendungen
• Exterior Automotive Lighting
•
Automobilbeleuchtung außen


Similar Part No. - LAE67F

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
LAE67F OSRAM-LAE67F Datasheet
591Kb / 21P
Power TOPLED
LAE67F-BACB-24-3A5A OSRAM-LAE67F-BACB-24-3A5A Datasheet
591Kb / 21P
Power TOPLED
LAE67F.01 OSRAM-LAE67F.01 Datasheet
1Mb / 23P
Power TOPLED®
Version 1.1 2024-07-29
LAE67F.01-8B5D-24-G3R3-L OSRAM-LAE67F.01-8B5D-24-G3R3-L Datasheet
1Mb / 23P
Power TOPLED®
Version 1.1 2024-07-29
LAE67F.01-8B5D-24-G3R3-S OSRAM-LAE67F.01-8B5D-24-G3R3-S Datasheet
1Mb / 23P
Power TOPLED®
Version 1.1 2024-07-29
More results

Similar Description - LAE67F

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
LS-E6SF-V2BA-1-1-Z OSRAM-LS-E6SF-V2BA-1-1-Z Datasheet
492Kb / 21P
Power TOPLED
LAE6SF OSRAM-LAE6SF Datasheet
493Kb / 21P
Power TOPLED
LAE67B OSRAM-LAE67B_13 Datasheet
440Kb / 19P
Power TOPLED
LAE67F OSRAM-LAE67F Datasheet
591Kb / 21P
Power TOPLED
LAETSF OSRAM-LAETSF Datasheet
612Kb / 21P
Power TOPLED
LAETSF OSRAM-LAETSF_17 Datasheet
626Kb / 21P
Power TOPLED
LSE6SF OSRAM-LSE6SF Datasheet
492Kb / 21P
Power TOPLED
LSE67B OSRAM-LSE67B_13 Datasheet
439Kb / 19P
Power TOPLED
LSE67F OSRAM-LSE67F Datasheet
439Kb / 20P
Power TOPLED
LTE67C OSRAM-LTE67C_17 Datasheet
607Kb / 21P
Power TOPLED
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com