Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

LP28301 Datasheet(PDF) 7 Page - Lowpower Semiconductor inc

Part # LP28301
Description  2A Synchronous Buck Li-ion Charger
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER [Lowpower Semiconductor inc]
Direct Link  http://www.lowpowersemi.com
Logo POWER - Lowpower Semiconductor inc

LP28301 Datasheet(HTML) 7 Page - Lowpower Semiconductor inc

  LP28301 Datasheet HTML 1Page - Lowpower Semiconductor inc LP28301 Datasheet HTML 2Page - Lowpower Semiconductor inc LP28301 Datasheet HTML 3Page - Lowpower Semiconductor inc LP28301 Datasheet HTML 4Page - Lowpower Semiconductor inc LP28301 Datasheet HTML 5Page - Lowpower Semiconductor inc LP28301 Datasheet HTML 6Page - Lowpower Semiconductor inc LP28301 Datasheet HTML 7Page - Lowpower Semiconductor inc LP28301 Datasheet HTML 8Page - Lowpower Semiconductor inc LP28301 Datasheet HTML 9Page - Lowpower Semiconductor inc  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
LP28301-02
Mar.-2017
Email: marketing@lowpowersemi.com
www.lowpowersemi.com
Page 7 of 9
Preliminary Datasheet
LP28301
Application Information
The LP28301 is a single cell Li-Ion battery charger. It
integrates the input reverse-blocking FET, high-side
switching FET, low-side switching FET, and BATFET
between VSNS and battery to protect battery. The
device also integrates the bootstrap diode for the
high-side gate drive.
Power Up from DC Source
When the DC source plugs in, the LP28301 checks
the input source voltage to turn on REGN LDO and
all the bias circuits. It also checks the input current
limit before starts the buck converter.
Input Source Qualification
After REGN LDO powers up, the LP28301 checks
the current capability of the input source. The input
source has to meet the following requirements to
start the buck converter.
1. VIN voltage below 14V
2. REG voltage above 2.43V
Once the input source passes all the conditions
above, then a permit signal is asserted to the chip.
Adapter Current Detection
The USB ports on personal computers are
convenient charging source for portable devices
(PDs). If the portable device is attached to a USB
host, the USB specification requires the portable
device to draw limited current (100mA/500mA in
USB 2.0, and 150mA/900mA in USB 3.0). If the
portable device is attached to a charging port, it is
allowed to draw up to the maximum current form the
USB host by VREG voltage above 2.43V.
Charge state indication
As showed below, the STAT and FULL LED respond
to this six STATES.
STATE
STAT
FULL
Without Battery
Flicker
Light On
Charging
Light On
Light Off
Charge Complete
Light Off
Light On
Battery Overheat
Flicker
Light Off
Time Out
Flicker
Light Off
VREG < VREG(th)
Light On
Light Off
Battery Charging Management
The LP28301 charges 1-cell Li-Ion battery with up to
5A charge current for high capacity tablet battery.
The low dissipation BATFET improves charging
efficiency and minimizes the voltage drop during
discharging.
Autonomous Charging Cycle
With battery charging enabled, the LP28301 can
complete a charging cycle.
The charger device automatically terminates the
charging cycle when the charging current is below
termination threshold and charge voltage is above
recharge threshold. When a full battery voltage is
discharged below recharge threshold 0.15V, the
LP28301 automatically starts another charging cycle.
The STAT output indicates the charging status of
charging (LOW), charging complete or charge
disable (HIGH) or charging fault (Blinking). The three
states indicate the different charging phases:
low-charging, high-charge complete, blink-charge
fault. Another charge down indication is FULL(low
when charge complete or without battery).



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com