Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

LP28301 Datasheet(PDF) 4 Page - Lowpower Semiconductor inc

Part # LP28301
Description  2A Synchronous Buck Li-ion Charger
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER [Lowpower Semiconductor inc]
Direct Link  http://www.lowpowersemi.com
Logo POWER - Lowpower Semiconductor inc

LP28301 Datasheet(HTML) 4 Page - Lowpower Semiconductor inc

  LP28301 Datasheet HTML 1Page - Lowpower Semiconductor inc LP28301 Datasheet HTML 2Page - Lowpower Semiconductor inc LP28301 Datasheet HTML 3Page - Lowpower Semiconductor inc LP28301 Datasheet HTML 4Page - Lowpower Semiconductor inc LP28301 Datasheet HTML 5Page - Lowpower Semiconductor inc LP28301 Datasheet HTML 6Page - Lowpower Semiconductor inc LP28301 Datasheet HTML 7Page - Lowpower Semiconductor inc LP28301 Datasheet HTML 8Page - Lowpower Semiconductor inc LP28301 Datasheet HTML 9Page - Lowpower Semiconductor inc  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
LP28301-02
Mar.-2017
Email: marketing@lowpowersemi.com
www.lowpowersemi.com
Page 4 of 9
Preliminary Datasheet
LP28301
Electrical Characteristics
(The specifications which apply over the full operating temperature range, otherwise specifications are at
TA=25℃, VIN = 5V, unless otherwise noted.)
Parameter
Test Conditions
Measured
Min
Typ
Max
Units
VIN
Input Voltage
VIN
4.4
14
V
VIN Port Protection Threshold
VIN Rising
UVLO
4.15
4.25
4.35
V
VIN Falling
3.95
4.05
4.15
V
Input Voltage Regulation Reference
VREG
2.3
2.4
2.5
V
VDDP/VDDA Voltage
5
V
Switch between VSNS and VBAT
VBAT=4.2V, VIN Absent, IBAT=3A
R(VSNS,VBAT)
40
mΩ
QUIESCENT CURRENTS
VIN Current
VIN=4V
IIN
80
μA
Battery Discharge Current in STANDBY
MODE
VBAT=4.2V
IBAT
15
µA
Charger Controller
Trickle Charge Condition
VBAT<1.4V
VISET
0.04
V
1.4V<VBAT<VTRICKL
0.2
V
VBAT voltage
VB=float, RISET=1K,IBAT=100mA
4.158
4.2
4.242
V
VB=high, RISET =1K, IBAT=100mA
4.3
V
VB=low, RISET=1K, IBAT=100mA
4.35
V
Charge Current in CC Mode
RISET=1K,VBAT=3.6V
IBAT
1500
mA
RISET=0.5K,VBAT=3.6V
3000
mA
Current Mode (CC)
VISET
1.45
1.5
1.55
V
Trickle Charge Voltage Threshold
VBAT rising
VTRIKL
2.8
2.9
3.0
V
Trickle Charge Voltage Threshold Hysteresis
VTRIKL_HYS
200
mV
Charge Current in Trickle Charge Condition
VBAT<1.4V
ITRIKL
15
mA
1.4V<VBAT<VTRIKL, RISET=1K
200
mA
1.4V<VBAT<VTRIKL, RISET=0.5K
400
mA
End of Charger Current
13.3
%ICC
Switch Frequency
VIN=5V,VBAT=3.6V,RISET=0.5K
1.2
MHz
Trickle Charge Timer
Default register, wake-up mode
90
min
Charge Timer
Default register, CC+CV mode
10
h
Recharge Threshold
VBAT falling
150
mV
STAT Low Level
Open drain pulled up with 5mA
STAT
0.2
V
Leakage Current to STAT
VBAT=4.3V, IBAT=0
0.6
1
μA
FULL Low Level
Open drain pulled up with 5mA
FULL
0.2
V
Leakage Current to FULL
VBAT=4.3V, IBAT=0
0.6
1
μA
CE Threshold
Enable charge, CE rising
VCER
3.5
V
Disable charge, CE falling
VCEF
2
V
Temperature sense comparators
High Voltage Threshold
Temp fault at VNTC>VLTF
VLTF
2.45
2.500
2.55
V
Low Voltage Threshold
Temp fault at VNTC<VHTF
VHTF
0.48
0.500
0.52
V
Temperature sense current sense
RNTC=10k
INTC
94
100
106
μA
Charging Temperature Shutdown
Temperature rising
145
℃
Hysteresis falling
25
℃



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com