Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

LP28301 Datasheet(PDF) 8 Page - Lowpower Semiconductor inc

Part # LP28301
Description  2A Synchronous Buck Li-ion Charger
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER [Lowpower Semiconductor inc]
Direct Link  http://www.lowpowersemi.com
Logo POWER - Lowpower Semiconductor inc

LP28301 Datasheet(HTML) 8 Page - Lowpower Semiconductor inc

  LP28301 Datasheet HTML 1Page - Lowpower Semiconductor inc LP28301 Datasheet HTML 2Page - Lowpower Semiconductor inc LP28301 Datasheet HTML 3Page - Lowpower Semiconductor inc LP28301 Datasheet HTML 4Page - Lowpower Semiconductor inc LP28301 Datasheet HTML 5Page - Lowpower Semiconductor inc LP28301 Datasheet HTML 6Page - Lowpower Semiconductor inc LP28301 Datasheet HTML 7Page - Lowpower Semiconductor inc LP28301 Datasheet HTML 8Page - Lowpower Semiconductor inc LP28301 Datasheet HTML 9Page - Lowpower Semiconductor inc  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
LP28301-02
Mar.-2017
Email: marketing@lowpowersemi.com
www.lowpowersemi.com
Page 8 of 9
Preliminary Datasheet
LP28301
Battery Charging Profile
The device charges the battery in three phases:
preconditioning, constant current and constant
voltage. At the beginning of a charging cycle, the
device checks the battery voltage and applies
current.
Battery Temperature Detection
The
LP28301
continuously
monitors
battery
temperature by measuring the voltage between the
NTC pins and ground, typically determined by a
negative temperature coefficient thermistor and an
external voltage divider. The device compares this
voltage against its internal thresholds to determine if
charging is allowed. To initiate a charge cycle, the
battery temperature must be within the VLTF to VHTF
thresholds. There is a constant current source in
NTC which is 100µA(INTC) flowing out form this pin.
So VNTC is INTC×RNTC.
When the NTC fault occurs, the STAT pin will blink to
indicate the fault.
ISET ramming Charge Current
The charge current is RISET rammed using a single
resistor from the ISET pin to ground. The battery
charge current is 1000 times the current out of the
ISET pin. The RISET ram resistor and the charge
current are calculated using the following equations:
)
(
1.5
1000
)
(
ISET
CHG
R
V
A
I
Note: VISET is 1.5Volts when VBAT>VTRIKL.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com