Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

LP28301 Datasheet(PDF) 1 Page - Lowpower Semiconductor inc

Part # LP28301
Description  2A Synchronous Buck Li-ion Charger
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER [Lowpower Semiconductor inc]
Direct Link  http://www.lowpowersemi.com
Logo POWER - Lowpower Semiconductor inc

LP28301 Datasheet(HTML) 1 Page - Lowpower Semiconductor inc

  LP28301 Datasheet HTML 1Page - Lowpower Semiconductor inc LP28301 Datasheet HTML 2Page - Lowpower Semiconductor inc LP28301 Datasheet HTML 3Page - Lowpower Semiconductor inc LP28301 Datasheet HTML 4Page - Lowpower Semiconductor inc LP28301 Datasheet HTML 5Page - Lowpower Semiconductor inc LP28301 Datasheet HTML 6Page - Lowpower Semiconductor inc LP28301 Datasheet HTML 7Page - Lowpower Semiconductor inc LP28301 Datasheet HTML 8Page - Lowpower Semiconductor inc LP28301 Datasheet HTML 9Page - Lowpower Semiconductor inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
LP28301-02
Mar.-2017
Email: marketing@lowpowersemi.com
www.lowpowersemi.com
Page 1 of 9
Preliminary Datasheet
LP28301
2A Synchronous Buck Li-ion Charger
General Description
The LP28301 is a 5A Li-Ion battery charger intended
for 4.4V~14V wall adapters. It utilizes a high efficiency
synchronous buck converter topology to reduce power
dissipation during charging. The LP28301 includes
complete charge termination circuitry, automatic
recharge and a ±1% 4.2V/4.3V /4.35V float voltage.
When the adapter`s current capacity is less than the
set charge current, the LP28301 would decrease the
charge current automatically to keep the output of
adapter would not be pull down by the chip.
Additional features include shorted cell detection;
temperature qualified charging and overvoltage
protection. The LP28301 is available in a low profile
QFN-28 package.
Order Information
LP28301 □ □ □
F: Pb-Free
Package Type
QV: QFN-28
Applications
Quick charge 2.0/3.0 (QC2.0 / QC3.0)
Quick charge for cell phone
Portable Media Players
Cellular and Smart mobile phone
PDA/DSC
Handheld Battery-Powered Devices
Handheld Computers
Charging Docks and Cradles
Features
Adapter Adaptive
5A Maximum Charge Current
Input voltage: 4.4V~14V
Programmable charge complete voltage:
4.2V /4.3V /4.35V
Efficiency up to 90%
Very Low Power Dissipation
Operation with Thermal Regulation to Maximize
Charge Rate Without Risk of Overheating
Charges Single Cell Li-Ion Batteries Directly from
USB Port
Available in QFN28(4*4mm) Package
RoHS Compliant and 100% Lead (Pb)-Free
Functional Pin Description
27
25
24
23
1
2
3
4
5
16
15
6
22
17
28
21
20
19
18
7
VDDA
VBAT
CE
IREF
VDDA
GNDA
VB
GNDP
LDR
VDDP
BST
LX
HDR
STAT
8
10
9
11
12
13
14
26
29
GNDA
Marking Information
Device
Marking
Package
Shipping
LP28301QVF
LPS
LP28301
YWX
QFN-28
3K/REEL
Y: Year code. W: Week code. X: Batch numbers.


Similar Part No. - LP28301

ManufacturerPart #DatasheetDescription
logo
Lowpower Semiconductor ...
LP28300 POWER-LP28300 Datasheet
452Kb / 10P
2A Synchronous Buck Li-ion Charger
LP28303A POWER-LP28303A Datasheet
541Kb / 8P
2.5A Synchronous Buck Li-ion Charger
LP28303AQVF POWER-LP28303AQVF Datasheet
541Kb / 8P
2.5A Synchronous Buck Li-ion Charger
LP28303ASPF POWER-LP28303ASPF Datasheet
541Kb / 8P
2.5A Synchronous Buck Li-ion Charger
More results

Similar Description - LP28301

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4001 LINER-LTC4001 Datasheet
235Kb / 20P
2A Synchronous Buck Li-Ion Charger
LTC4001-1 LINER-LTC4001-1 Datasheet
240Kb / 20P
2A Synchronous Buck Li-Ion Charger
logo
Lowpower Semiconductor ...
LP28300 POWER-LP28300 Datasheet
452Kb / 10P
2A Synchronous Buck Li-ion Charger
logo
Linear Technology
LTC4001 LINER-LTC4001_15 Datasheet
240Kb / 20P
2A Synchronous Buck Li-Ion Charger
LTC4001-1 LINER-LTC4001-1_15 Datasheet
236Kb / 20P
2A Synchronous Buck Li-Ion Charger
logo
Lowpower Semiconductor ...
LP28303A POWER-LP28303A Datasheet
541Kb / 8P
2.5A Synchronous Buck Li-ion Charger
logo
Shenzhen Huazhimei Semi...
HM5081 HMSEMI-HM5081 Datasheet
1Mb / 9P
4.5A Synchronous Buck Li-ion Charger
HM5083 HMSEMI-HM5083 Datasheet
1Mb / 9P
3A Synchronous Buck 3 Cells Li-ion Charger
HM5084 HMSEMI-HM5084 Datasheet
1Mb / 9P
2.5A Synchronous Buck 4 Cells Li-ion charger
logo
First Silicon Co., Ltd
FC4057A420QD16 FS-FC4057A420QD16 Datasheet
1Mb / 40P
2A Synchronous Buck Single Cell Li-Ion USB/Adapter Charger
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com