Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

MP2187 Datasheet(PDF) 2 Page - Monolithic Power Systems

Part # MP2187
Description  Dual 3A, 5.5V, 1.2MHz, COT Synchronous Step-Down Switcher
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2187 Datasheet(HTML) 2 Page - Monolithic Power Systems

  MP2187 Datasheet HTML 1Page - Monolithic Power Systems MP2187 Datasheet HTML 2Page - Monolithic Power Systems MP2187 Datasheet HTML 3Page - Monolithic Power Systems MP2187 Datasheet HTML 4Page - Monolithic Power Systems MP2187 Datasheet HTML 5Page - Monolithic Power Systems MP2187 Datasheet HTML 6Page - Monolithic Power Systems MP2187 Datasheet HTML 7Page - Monolithic Power Systems MP2187 Datasheet HTML 8Page - Monolithic Power Systems MP2187 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
MP2187 – DUAL 3A, 5.5V, 1.2MHz, SYNCHRONOUS STEP-DOWN SWITCHER
MP2187 Rev. 1.0
www.MonolithicPower.com
2
12/12/2014
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2014 MPS. All Rights Reserved.
ORDERING INFORMATION
Part Number*
Package
Top Marking
MP2187GQA
QFN-16(2.2mmx2.6mm)
See Below
* For Tape & Reel, add suffix –Z (e.g. MP2187GQA–Z);
TOP MARKING
ALE: product code of MP2187GQA;
Y: year code;
WW: week code:
LLL: lot number;
PACKAGE REFERENCE
TOP VIEW
1
2
4
5
78
15
16
PG1
EN1
OUT2
GND
GND
OUT1
EN2
PFL
VIN1 SW1
SW2 VIN2
3
FB1
PFS
6
14
13
11
10
12
9
GND
GND
QFN16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com