Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

MP2187 Datasheet(PDF) 10 Page - Monolithic Power Systems

Part # MP2187
Description  Dual 3A, 5.5V, 1.2MHz, COT Synchronous Step-Down Switcher
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2187 Datasheet(HTML) 10 Page - Monolithic Power Systems

Back Button MP2187 Datasheet HTML 6Page - Monolithic Power Systems MP2187 Datasheet HTML 7Page - Monolithic Power Systems MP2187 Datasheet HTML 8Page - Monolithic Power Systems MP2187 Datasheet HTML 9Page - Monolithic Power Systems MP2187 Datasheet HTML 10Page - Monolithic Power Systems MP2187 Datasheet HTML 11Page - Monolithic Power Systems MP2187 Datasheet HTML 12Page - Monolithic Power Systems MP2187 Datasheet HTML 13Page - Monolithic Power Systems MP2187 Datasheet HTML 14Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 18 page
background image
MP2187 – DUAL 3A, 5.5V, 1.2MHz, SYNCHRONOUS STEP-DOWN SWITCHER
MP2187 Rev. 1.0
www.MonolithicPower.com
10
12/12/2014
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2014 MPS. All Rights Reserved.
PIN FUNCTION
QFN16
Pin #
Name
Description
1
PG1
Power Good Indicator of channel 1. The output of this pin is an open drain with an internal
pull up resistor to IN. PG is pulled up to VIN when the FB voltage is within 10% of the
regulation level. If the FB voltage is out of that regulation range, it is LOW.
2
EN1
On/Off Control of channel 1.
3
FB1
Internal FB point of channel 1. For fixed output application, FB pin must float. For
adjustable output application, it is FB pin and used to set output voltage.
4
OUT2
Output Voltage Sense pin of channel 2. For output voltage sense.
5, 6,
13, 14
GND
Power Ground.
7
SW2
Switch Output of channel 2.
8
VIN2
Supply Voltage of channel 2. The MP2187 operates from a +2.5V-to-+5.5V input.
9
PFL
Power Fails Logic. It is an open drain signal which will be pulled low When PFS voltage is
lower than desired threshold.
10
EN2
On/Off Control of channel 2.
11
PFS
Power Fails sense. Using an external resistor network connect PFS from VIN to indicate
the input voltage. When indicated voltage is below desired threshold, PFL is pulled down.
12
OUT1
Output Voltage Sense pin of channel 1. For output voltage sense.
15
SW1
Switch Output of channel 1.
16
VIN1
Supply Voltage of channel 1. The MP2187 operates from a +2.5V-to-+5.5V input.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com