Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

MP2187 Datasheet(PDF) 5 Page - Monolithic Power Systems

Part # MP2187
Description  Dual 3A, 5.5V, 1.2MHz, COT Synchronous Step-Down Switcher
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2187 Datasheet(HTML) 5 Page - Monolithic Power Systems

  MP2187 Datasheet HTML 1Page - Monolithic Power Systems MP2187 Datasheet HTML 2Page - Monolithic Power Systems MP2187 Datasheet HTML 3Page - Monolithic Power Systems MP2187 Datasheet HTML 4Page - Monolithic Power Systems MP2187 Datasheet HTML 5Page - Monolithic Power Systems MP2187 Datasheet HTML 6Page - Monolithic Power Systems MP2187 Datasheet HTML 7Page - Monolithic Power Systems MP2187 Datasheet HTML 8Page - Monolithic Power Systems MP2187 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
MP2187 – DUAL 3A, 5.5V, 1.2MHz, SYNCHRONOUS STEP-DOWN SWITCHER
MP2187 Rev. 1.0
www.MonolithicPower.com
5
12/12/2014
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2014 MPS. All Rights Reserved.
ELECTRICAL CHARACTERISTICS (continued)
VIN = 5V, TJ=-40°C to +125°C, typical value is tested at TJ=25°C, unless otherwise noted.
Parameter
Symbol Condition
Min
Typ
Max
Units
Power Fail
Power-Fail Threshold Rising
VPF
TJ=-40°C to 125°C
(5)
0.588
0.6
0.612
V
Power-Fail Hysteresis
VHYS
12
mV
PFDL
High to low
10
μs
Power-Fail Delay
PFDH
Low to high
100
us
Power-Fail Sink Current Capability
VPG-L
Sink 1mA
0.4
V
Power-Fail Logic High Voltage
VPG-H
VIN=5V
4.9
V
Power Fail Internal Pull-Up
Resistor
RPF
500
kΩ
Enable
EN Input Logic Low Voltage
0.4
V
EN Input Logic High Voltage
1.2
V
VEN1 or 2=2V
2
μA
EN Input Current
VEN1 or 2=0V
0.1
μA
UVLO
Under-Voltage Lockout Threshold
Rising
2.0
2.2
2.4
V
Under-Voltage Lockout Threshold
Hysteresis
150
mV
OTP
Thermal Shutdown
(7)
150
°C
Thermal Hysteresis
(7)
30
°C
Notes:
5) Not test in production and guaranteed by over-temperature correlation
6) Guaranteed by engineering sample characterization.
7) Guaranteed by design.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com