Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

MP2187 Datasheet(PDF) 1 Page - Monolithic Power Systems

Part # MP2187
Description  Dual 3A, 5.5V, 1.2MHz, COT Synchronous Step-Down Switcher
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2187 Datasheet(HTML) 1 Page - Monolithic Power Systems

  MP2187 Datasheet HTML 1Page - Monolithic Power Systems MP2187 Datasheet HTML 2Page - Monolithic Power Systems MP2187 Datasheet HTML 3Page - Monolithic Power Systems MP2187 Datasheet HTML 4Page - Monolithic Power Systems MP2187 Datasheet HTML 5Page - Monolithic Power Systems MP2187 Datasheet HTML 6Page - Monolithic Power Systems MP2187 Datasheet HTML 7Page - Monolithic Power Systems MP2187 Datasheet HTML 8Page - Monolithic Power Systems MP2187 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
MP2187
Dual 3A, 5.5V, 1.2MHz, COT
Synchronous Step-Down Switcher
MP2187 Rev. 1.0
www.MonolithicPower.com
1
12/12/2014
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2014 MPS. All Rights Reserved.
The Future of Analog IC Technology
DESCRIPTION
The MP2187 is a monolithic, step-down, switch-
mode dual converter with internal power
MOSFETs. It can achieve up to 3A continuous
output current from a 2.5V–to-5.5V input
voltage with excellent load and line regulation.
The output voltages of two channels are 1.1V
and 1.8V respectively.
The constant-on-time control scheme provides
fast transient response and eases loop
stabilization. Fault condition protections include
cycle-by-cycle current limiting, input voltage
failure indicator and thermal shutdown.
The
MP2187
is
available
in
small
2.2mmx2.6mm QFN16 package and requires
only a minimal number of readily available
standard external components.
The MP2187 is ideal for a wide range of
applications including high-performance DSPs,
FPGAs, smart phones, portable instruments,
and DVD drivers.
FEATURES
• Wide 2.5V-to-5.5V Operating Input Range
• Fixed Output Voltages: 1.1V & 1.8V
• 100% Duty Cycle in Dropout
• Up to 3A Output Current
• Low IQ: 80µA
• 60mΩ and 30mΩ Internal Power MOSFET
Switches
• Input Voltage Failure Indicator
• Default 1.2MHz Switching Frequency
• EN and Power-Good for Power Sequencing
• Cycle-by-Cycle Over-Current Protection
• Auto Discharge at Power-Off
• Short-Circuit Protect with Hiccup Mode
• Stable with Low-ESR Output Ceramic
Capacitors
• Available in a 2.2mm x 2.6mm QFN16
Package
APPLICATIONS
• Low Voltage I/O System Power
• Handheld/Battery-powered Systems
• Wireless/Networking Cards
All MPS parts are lead-free and adhere to the RoHS directive. For MPS green
status, please visit MPS website under Products, Quality Assurance page.
“MPS” and “The Future of Analog IC Technology” are registered trademarks of
Monolithic Power Systems, Inc.
TYPICAL APPLICATION
IOUT (A)
Efficiency vs. IOUT
VIN=5V
0
10
20
30
40
50
60
70
80
90
100
0
0.1
1
10
VOUT1=1.1V
VOUT2=1.8V


Similar Part No. - MP2187

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP2187GQA MPS-MP2187GQA Datasheet
443Kb / 9P
Dual 3A, 5.5V, 1.2MHz Synchronous Step-Down Swithers With Auto Output Discharge Evaluation Board
More results

Similar Description - MP2187

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT7257B RICHTEK-RT7257B Datasheet
284Kb / 14P
3A, 18V, 1.2MHz Synchronous Step-Down Converter
logo
Monolithic Power System...
MP2144 MPS-MP2144 Datasheet
363Kb / 14P
2A, 5.5V, 1.2MHz, 40A IQ, COT Synchronous Step Down Switcher
MP2143 MPS-MP2143 Datasheet
478Kb / 14P
3A, 5.5V, 1.2MHz, 40uA IQ, COT Synchronous Step Down Switcher
MP2143H MPS-MP2143H Datasheet
527Kb / 15P
3A, 5.5V, 2.0MHz Synchronous Step Down Switcher
MP2188 MPS-MP2188 Datasheet
1Mb / 17P
Dual 3A, 5.5V, 1.2MHz, COT Synchronous Step Down Switchers With Auto Output Discharge
MPQ2143-AEC1 MPS-MPQ2143-AEC1 Datasheet
802Kb / 15P
3A, 5.5V, 1.2MHz, 40uA IQ, COT Synchronous Step-Down Switcher AEC-Q100 Qualified
MPQ2143H MPS-MPQ2143H Datasheet
897Kb / 15P
3A, 5.5V, 2.0MHz Synchronous Step Down Switcher
MP9143 MPS-MP9143 Datasheet
483Kb / 15P
3A, 5.5V, 1.2MHz, 40uA IQ, COT Synchronous Step Down Switcher
EV2131-G-00A MPS-EV2131-G-00A Datasheet
490Kb / 6P
4A, 5.5V, 1.2MHz Synchronous Step-Down Switcher Evaluation Board
EV2143H-D-00A MPS-EV2143H-D-00A Datasheet
483Kb / 7P
3A, 5.5V, 2MHz Synchronous Step-Down Switcher Evaluation Board
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com