Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

MP2953B Datasheet(PDF) 21 Page - Monolithic Power Systems

Part # MP2953B
Description  Digital Multi-Phase Controller with PMBus Interface for VR12.5
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2953B Datasheet(HTML) 21 Page - Monolithic Power Systems

Back Button MP2953B Datasheet HTML 17Page - Monolithic Power Systems MP2953B Datasheet HTML 18Page - Monolithic Power Systems MP2953B Datasheet HTML 19Page - Monolithic Power Systems MP2953B Datasheet HTML 20Page - Monolithic Power Systems MP2953B Datasheet HTML 21Page - Monolithic Power Systems MP2953B Datasheet HTML 22Page - Monolithic Power Systems MP2953B Datasheet HTML 23Page - Monolithic Power Systems MP2953B Datasheet HTML 24Page - Monolithic Power Systems MP2953B Datasheet HTML 25Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 30 page
background image
MP2953B – DIGITAL PWM CONTROLLER WITH PMBUS FOR VR12.5
MP2953B Rev. 1.01
www.MonolithicPower.com
21
10/9/2015
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2015 MPS. All Rights Reserved.
b) The VR latches if the input voltage is
above VIN_OV_FAULT_LIMIT.
c) The VR is warned if the input voltage is
below VIN_UV_WARNING_LIMIT.
Under Voltage: When the output voltage is
below VID – 300mV for a pre-set time, the VR
either latches off or re-starts depending on
the user selection via the PMBus.
Over Voltage:
a) When the output voltage is above VID +
300mV for a pre-set time, the VR latches
off (with all the low-side MOSFETs
turned on). It can be programmed to re-
start after the fault condition clears.
b) When the output voltage is above
Vout_Max + 400mV for another pre-set
time, the VR latches off (with all the low-
side MOSFETs turned on).
Reverse Voltage: All the low-side MOSFETs
turn off if the output voltage is below 30mV.
Over Current: When the total current is
above the OCP level for a pre-set time, the
VR latches off or re-starts.
Over-Temperature
Indicator
(VRHOT#,
Active Low): When the temperature is above
OTP_LIMIT,
the
VR
latches
until
the
temperature
falls
below
OTP_LIMIT-
OTP_HYS.
Fault# Signal (CFP): When Vin is above
VIN_OV_FAULT_LIMIT or the output voltage
is above Vout_Max +400mV, then Fault#
pulls low actively.
CML: The PMBus communication fault.
EEPROM Fault: The data in the EEPROM is
invalid.
All fault conditions can be monitored via the
PMBus.
OVP, OCP, and UVP modes have options of no
action, latch, retry, or hiccup mode. After the fault
condition clears, the MP2953B waits12.5ms
before attempting to re-start again. A 12.5ms
delay ensures a sufficiently low duty-cycle stress
rate to prevent regulator components from being
damaged by power cycling.
For
latched
protection
mode,
external
intervention is required to clear the latch before
the VR can re-start again. External intervention
includes the enable signal toggle, controller
power-supply recycle, or input-voltage supply
toggle.
The fault status is record in the registers. Once
triggered, the fault registers report faults even if
the fault condition no longer exists. Fault
registers may be cleared manually by issuing a
fault clear command, controller power-supply
cycle, or the enable signal toggle (either by EN or
command enable toggle).
The following is a brief description of each fault:
Over-Voltage Protection (OVP)
The OVP circuit monitors the output voltage for
an over-voltage condition. The over-voltage
signal generation is shown in Fig. 11.
VID
300mV
COMP
VDIFF
OV2
COMP
OV1
COMP
UV
COMP
RV
30mV
VOSEN
DAC
VOUT_MAX+400mV
FIGURE 11. OV, UV, and RV Signal Generation
There are two levels of over-voltage protection:
1. OVP2 (VID+300mV) and
2. OVP1 (VOUT_MAX + 400mV).
The OVP2 signal is blanked during the soft-start
and soft-shut down process to avoid a false
trigger by a pre-bias condition. Also, the OVP2
monitor is disabled during a VID decay transition.
It re-activates after finishing the VR settle re-
assertion transition.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com