Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

MP2953B Datasheet(PDF) 13 Page - Monolithic Power Systems

Part # MP2953B
Description  Digital Multi-Phase Controller with PMBus Interface for VR12.5
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2953B Datasheet(HTML) 13 Page - Monolithic Power Systems

Back Button MP2953B Datasheet HTML 9Page - Monolithic Power Systems MP2953B Datasheet HTML 10Page - Monolithic Power Systems MP2953B Datasheet HTML 11Page - Monolithic Power Systems MP2953B Datasheet HTML 12Page - Monolithic Power Systems MP2953B Datasheet HTML 13Page - Monolithic Power Systems MP2953B Datasheet HTML 14Page - Monolithic Power Systems MP2953B Datasheet HTML 15Page - Monolithic Power Systems MP2953B Datasheet HTML 16Page - Monolithic Power Systems MP2953B Datasheet HTML 17Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 30 page
background image
MP2953B – DIGITAL PWM CONTROLLER WITH PMBUS FOR VR12.5
MP2953B Rev. 1.01
www.MonolithicPower.com
13
10/9/2015
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2015 MPS. All Rights Reserved.
OPERATION
The MP2953B is a digital multi-phase VR12.5
compliant controller for Intel microprocessors. It
operates in 1-, 2-, 3-, 4-, 5-, or 6-phase. It
contains blocks of precision DAC and ADC,
differential remote voltage sense amplifier, fast
comparators, current sense amplifiers, internal
loop
compensation,
load-line
setting,
VR_Ready monitor, temperature monitor,
PMBus interface, SVID interface, and EEPROM
for custom configuration.
Fault protection features include under-voltage
lockout (Vin-UVLO), over-current protection
(OCP), over-voltage protection (OVP), under-
voltage protection (UVP), over-temperature
protection
(OTP),
and
reverse-voltage
protection (RVP).
PWM Generator
& Phase Interleaving
& Power State
Protection &
FAULT Monitor
Sensing
& Monitor
Current Balancing
& Vout DC Calibration
x1
FB
TEMP
VINSEN
PMBus Interface
& Register
MEMORY
(EEPROM)
VORTN
VOSEN
CS3
CS1
CS2
CS4
MUX
ADC
VDIFF
CS5
CS6
SVID Interface
& Register
Reference Generator &
Internal Loop Compensation
Power Vcc
& Oscillator
VDD18
VDD33
EN
VDD50
AGND
DGND
Idroop
DAC
DAC
VID
VOSEN
OV1
OV2
UV
RV
30mV
VDIFF
OCP_LIM
CS1
OC1
OC2
OC3
OC6
OC4
OC5
CS2
CS4
CS5
CS6
CS3
CM
CM
CM
CM
CM
CM
CM
DAC
DAC
OVP_LIM
VID+300mV
CM
CM
CM
VID-300mV
SDA_P
SCL_P
ALT_P#
IREF
CS_SUM
IMON
ADDR_S
ADDR_P
VBOOT
VFS
VRFLT#
SCLK
SDIO
ALT#
VRRDY
VRHOT#
vr_settle
CM
VID-20mV
VFB
VFB
Vdc_trim
DAC
Vac_trim
1.23V
Idroop
1:8
1:32
Σ-
ADC
FIGURE 1. System Functional Block



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com