Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

MP2953B Datasheet(PDF) 28 Page - Monolithic Power Systems

Part # MP2953B
Description  Digital Multi-Phase Controller with PMBus Interface for VR12.5
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2953B Datasheet(HTML) 28 Page - Monolithic Power Systems

Back Button MP2953B Datasheet HTML 22Page - Monolithic Power Systems MP2953B Datasheet HTML 23Page - Monolithic Power Systems MP2953B Datasheet HTML 24Page - Monolithic Power Systems MP2953B Datasheet HTML 25Page - Monolithic Power Systems MP2953B Datasheet HTML 26Page - Monolithic Power Systems MP2953B Datasheet HTML 27Page - Monolithic Power Systems MP2953B Datasheet HTML 28Page - Monolithic Power Systems MP2953B Datasheet HTML 29Page - Monolithic Power Systems MP2953B Datasheet HTML 30Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 28 / 30 page
background image
MP2953B – DIGITAL PWM CONTROLLER WITH PMBUS FOR VR12.5
MP2953B Rev. 1.01
www.MonolithicPower.com
28
10/9/2015
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2015 MPS. All Rights Reserved.
PMBUS COMMANDS
Command
Code
Command Name
Type
Bytes
Default
Value
Data Formats
01h
OPERATION
r/w
1
80h
Direct
03h
CLEAR_FAULTS
send
0
-
-
15h
STORE_USER_ALL
send
0
-
-
16h
RESTARE_USER_ALL
send
0
-
-
21h
VOUT_COMMAND
r/w
2
007Eh
VID
24h
VOUT_MAX
r/w
2
00FFh
VID
25h
VOUT_MARGIN_HIGH
r/w
2
0000h
VID
26h
VOUT_MARGIN_LOW
r/w
2
0000h
VID
35h
VIN_ON
r/w
2
E850h
Linear
36h
VIN_OFF
r/w
2
E848h
Linear
38h
IOUT_CAL_GAIN
r/w
2
88A8h
Linear
39h
IOUT_CAL_OFFSET
r/w
2
F800h
Linear
55h
VIN_OV_FAULT_LIMIT
r/w
2
E870h
Linear
58h
VIN_UV_WARN_LIMIT
r/w
2
E84Ch
Linear
78h
STATUS_BYTE
r
1
00h
Direct
79h
STATUS_WORD
r
2
0000h
Direct
7Ah
STATUS_VOUT
r
1
00h
VID
7Bh
STATUS_IOUT
r
1
00h
Direct
7Ch
STATUS_ INPUT
r
1
00h
Direct
7Dh
STATUS_ TEMPERATURE
r
1
00h
Direct
7Eh
STATUS_ CML
r
1
00h
Direct
88h
READ_VIN
r
2
E800h
Linear
89h
READ_IIN
r
2
E000h
Linear
8Bh
READ_VOUT
r
2
0000h
VID
8Ch
READ_IOUT
r
2
F000h
Linear
8Dh
READ_TEMPERATURE
r
2
0019h
Linear
96h
READ_POUT
r
2
0000h
Linear
BAh
MFR_SLOPE_SLEWRATE_PS2
r/w
2
01C1H
Direct
BBh
MFR_SLOPE_CNT_PS2
r/w
2
03F0H
Direct
D0h
MFR_VR_CONFIG
r/w
2
EC00h
Direct
D1h
MFR_TEMPERATURE
r/w
2
500Ah
Direct
D2h
MFR_FS_SET
r/w
1
B2h
Direct
D3h
MFR_CUR_GAIN
r/w
2
0159h
Direct
D4h
MFR_OCP_SET
r/w
2
4525h
Direct
D5h
MFR_OVP_UVP_SET
r/w
2
4A54h
Direct
D6h
MFR_OCP_TRG
r/w
1
2Ah
Direct
D8h
MFR_ADDR_PMBUS
r/w
1
8Fh
Direct
D9h
MFR_ADDR_SVID
r/w
1
10h
Direct
DBh
MFR_OTP_SET
r/w
2
961Eh
Direct
DCh
MFR_PSI_TRIM
r/w
2
0D8Bh
Direct
DDh
MFR_CUR_OFFSET
r/w
1
3Ah
Direct
E8h
MFR_BLANK_TIME
r/w
1
18h
Direct
EAh
MFR_VBOOT
r/w
2
017Eh
Direct
EBh
MFR_ICC_MAX
r/w
1
FFh
Direct
ECh
MFR_TEMP_MAX
r/w
1
7Dh
Direct
EDh
MFR_SR
r/w
2
1405h
Direct
EEh
MFR_VR_TOLERANCE
r/w
1
28h
Direct
EFh
VENDOR_ID_VR
r/w
1
00h
Direct
F0h
PRODUCT_ID_VR
r/w
1
00h
Direct



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com