Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

MP2953B Datasheet(PDF) 12 Page - Monolithic Power Systems

Part # MP2953B
Description  Digital Multi-Phase Controller with PMBus Interface for VR12.5
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2953B Datasheet(HTML) 12 Page - Monolithic Power Systems

Back Button MP2953B Datasheet HTML 8Page - Monolithic Power Systems MP2953B Datasheet HTML 9Page - Monolithic Power Systems MP2953B Datasheet HTML 10Page - Monolithic Power Systems MP2953B Datasheet HTML 11Page - Monolithic Power Systems MP2953B Datasheet HTML 12Page - Monolithic Power Systems MP2953B Datasheet HTML 13Page - Monolithic Power Systems MP2953B Datasheet HTML 14Page - Monolithic Power Systems MP2953B Datasheet HTML 15Page - Monolithic Power Systems MP2953B Datasheet HTML 16Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 30 page
background image
MP2953B – DIGITAL PWM CONTROLLER WITH PMBUS FOR VR12.5
MP2953B Rev. 1.01
www.MonolithicPower.com
12
10/9/2015
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2015 MPS. All Rights Reserved.
PIN FUNCTIONS
Pin #
Name
I/O
Description
24
VRFLT#
O
VR Fault. VRFLT# is an open-drain output. When Vin or Vout OVP occurs,
VRFLT# is asserted to shut down the input power supply.
25
VRHOT#
O
Voltage Regulator Thermal Throttling Logic Output. VRHOT# is an open-
drain output. VRHOT# pulls low actively if the monitored temperature exceeds
the programmed VRHOT# temperature threshold.
26
VRRDY
O
VR Ready Output. VRRDY is an open-drain output that signals when the output
voltage is outside of the proper operating range. A VTT rail is expected for pull
up; however, some systems may pull up to a maximum voltage of 3.3V with an
external pull-up circuit.
27
DGND
I/O
Digital Ground.
28
ALT_P#
O
Open-Drain Output that Asserts Low when a Warning has Occurred.
29
SDA_P
I/O
Data Signal between the PMBus Controller and the VID Controller.
30
SCL_P
I
Source Synchronous Clock from the PMBus Controller.
31
CCM
O
Forced CCM Operations Enable. CCM stays high in power state 0 and 1. It
pulls low actively during PS2/3 to enable DCM operation.
32
PWM6
O
33
PWM5
O
34
PWM4
O
35
PWM3
O
36
PWM2
O
37
PWM1
O
Tri-State Logic-Level PWM Outputs. Each output is connected to the input of
Intelli-Phase’s PWM pin.
The logic levels are 0V for low logic and 3.3V for high logic.
The output is set to tri-state (High-Z) to shut down both the high-side MOSFET
and the low-side MOSFET of Intelli-Phase.
38
VDD33
O
3.3V LDO Output for the Internal Digital Power Supply. Connect a 1µF
bypass capacitor to digital ground.
39
EN
I
Enable Control for the Controller.
40
CS6
I
Phase 6 Current Sense Inputs. Float CS of the unused phase.
PAD
AGND
I/O
Analog Ground.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com