Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

LT8630 Datasheet(PDF) 6 Page - Linear Technology

Part # LT8630
Description  Synchronous Micropower Step-Down High Efficiency Switching Regulator
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT8630 Datasheet(HTML) 6 Page - Linear Technology

  LT8630 Datasheet HTML 1Page - Linear Technology LT8630 Datasheet HTML 2Page - Linear Technology LT8630 Datasheet HTML 3Page - Linear Technology LT8630 Datasheet HTML 4Page - Linear Technology LT8630 Datasheet HTML 5Page - Linear Technology LT8630 Datasheet HTML 6Page - Linear Technology LT8630 Datasheet HTML 7Page - Linear Technology LT8630 Datasheet HTML 8Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
6
dc2504af
DEMO MANUAL DC2504A
PARTS LIST
ITEM
QTY
REFERENCE
PART DESCRIPTION
MANUFACTURER/PART NUMBER
Required Demo Board Circuit Components
1
1
C1
CAP., X7R, 0.1μF, 10V, 10% 0402
TDK, C1005X7R1A104K050BB
2
1
C3
CAP., X7R, 2.2μF, 100V, 10% 1210
MURATA, GRM32ER72A225KA35L
3
1
C4
CAP., X7R, 1μF, 16V, 10% 0603
AVX, 0603YC105KAT2A
4
1
C5
CAP., X5R, 2.2μF, 10V, 10% 0402
TDK, C1005X5R1A225K050BC
5
1
C6
CAP., C0G, 10pF, 50V, 5% 0603
MURATA, GRM1885C1H100JA01D
6
1
C7
CAP., X5R, 47μF, 16V, 10% 1210
MURATA, GRM32ER61C476KE15K
7
1
C8
CAP., X7R, 0.1μF, 10V, 10% 0603
AVX, 0603ZC104KAT2A
8
1
C11
CAP., X7R, 0.1μF, 100V, 10% 0603
MURATA, GRM188R72A104KA35D
9
1
L1
INDUCTOR, 22μH, 7447714220
WURTH ELEKTRONIK, 7447714220
10
1
R1
RES., CHIP, 51.1k, 1/10W, 1% 0603
VISHAY, CRCW060351K1FKEA
11
2
R2, R4
RES., CHIP, 1mΩ, 1/10W, 1% 0603
VISHAY, CRCW06031M00FKEA
12
1
R3
RES., CHIP, 8.66k, 1/10W, 1% 0603
VISHAY, CRCW06038K66FKEA
13
1
R5
RES., CHIP, 71.5k, 1/10W, 1% 0603
VISHAY, CRCW060371K5FKEA
14
1
U1
I.C., BUCK REG. FE-20(16)CB
LINEAR TECH. CORP., LT8630EFE#PBF
Additional Demo Board Circuit Components
1
1
C2
CAP., ALUM, 10μF, 100V
SUN ELECTRONIC, 100CE10BS
2
0
C9, C10 (OPT)
CAP., OPTION, 1210
3
0
L2 (OPT)
INDUCTOR, OPTION
4
0
R6 (OPT)
RES., OPTION, 0603
Hardware/Components (for Demo Board Only)
1
7
E1-E7
TESTPOINT, TURRET, 0.094" PBF
MILL-MAX, 2501-2-00-80-00-00-07-0
2
4
MH1-MH4
STAND-OFF, NYLON, 0.50"
KEYSTONE, 8833 (SNAP ON)



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com