Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

LT8630 Datasheet(PDF) 4 Page - Linear Technology

Part # LT8630
Description  Synchronous Micropower Step-Down High Efficiency Switching Regulator
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT8630 Datasheet(HTML) 4 Page - Linear Technology

  LT8630 Datasheet HTML 1Page - Linear Technology LT8630 Datasheet HTML 2Page - Linear Technology LT8630 Datasheet HTML 3Page - Linear Technology LT8630 Datasheet HTML 4Page - Linear Technology LT8630 Datasheet HTML 5Page - Linear Technology LT8630 Datasheet HTML 6Page - Linear Technology LT8630 Datasheet HTML 7Page - Linear Technology LT8630 Datasheet HTML 8Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
4
dc2504af
DEMO MANUAL DC2504A
QUICK START PROCEDURE
Demonstration circuit 2504A is easy to set up to evalu-
ate the performance of the LT8630. Refer to Figure 5 for
proper measurement equipment setup and follow the
procedure below.
Note. When measuring the input or output voltage
ripple, care must be taken to avoid a long ground lead
on the oscilloscope probe. Measure the input or output
voltage ripple by touching the probe tip directly across
the VIN or VOUT and GND terminals. See Figure 5 for
the proper scope technique.
1. With power off, connect the input power supply to VIN
and GND. If the EMI/EMC performance is required, the
input EMI filter should be installed, and input power
supply should be connected to VEMI and GND.
2. With power off, connect loads from VOUT to GND.
3. Turn on the power at the input.
Make sure that the input voltage does not exceed 100V.
4. Check for the proper output voltages (VOUT = 12V).
Note. If there is no output, temporarily disconnect the
load to make sure that the load is not set too high or
is shorted.
5. Once the proper output voltage is established, adjust
the load within the operating ranges and observe the
output voltage regulation, ripple voltage, efficiency and
other parameters.
Figure 5. Proper Measurement Equipment Setup



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com