Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

LT8630 Datasheet(PDF) 7 Page - Linear Technology

Part # LT8630
Description  Synchronous Micropower Step-Down High Efficiency Switching Regulator
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT8630 Datasheet(HTML) 7 Page - Linear Technology

  LT8630 Datasheet HTML 1Page - Linear Technology LT8630 Datasheet HTML 2Page - Linear Technology LT8630 Datasheet HTML 3Page - Linear Technology LT8630 Datasheet HTML 4Page - Linear Technology LT8630 Datasheet HTML 5Page - Linear Technology LT8630 Datasheet HTML 6Page - Linear Technology LT8630 Datasheet HTML 7Page - Linear Technology LT8630 Datasheet HTML 8Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
7
dc2504af
DEMO MANUAL DC2504A
Information furnished by Linear Technology Corporation is believed to be accurate and reliable.
However, no responsibility is assumed for its use. Linear Technology Corporation makes no representa-
tion that the interconnection of its circuits as described herein will not infringe on existing patent rights.
SCHEMATIC DIAGRAM
ITEM
QTY
REFERENCE
PART DESCRIPTION
MANUFACTURER/PART NUMBER
Required Demo Board Circuit Components
1
1
C1
CAP., X7R, 0.1μF, 10V, 10% 0402
TDK, C1005X7R1A104K050BB
2
1
C3
CAP., X7R, 2.2μF, 100V, 10% 1210
MURATA, GRM32ER72A225KA35L
3
1
C4
CAP., X7R, 1μF, 16V, 10% 0603
AVX, 0603YC105KAT2A
4
1
C5
CAP., X5R, 2.2μF, 10V, 10% 0402
TDK, C1005X5R1A225K050BC
5
1
C6
CAP., C0G, 10pF, 50V, 5% 0603
MURATA, GRM1885C1H100JA01D
6
1
C7
CAP., X5R, 47μF, 16V, 10% 1210
MURATA, GRM32ER61C476KE15K
7
1
C8
CAP., X7R, 0.1μF, 10V, 10% 0603
AVX, 0603ZC104KAT2A
8
1
C11
CAP., X7R, 0.1μF, 100V, 10% 0603
MURATA, GRM188R72A104KA35D
9
1
L1
INDUCTOR, 22μH, 7447714220
WURTH ELEKTRONIK, 7447714220
10
1
R1
RES., CHIP, 51.1k, 1/10W, 1% 0603
VISHAY, CRCW060351K1FKEA
11
2
R2, R4
RES., CHIP, 1mΩ, 1/10W, 1% 0603
VISHAY, CRCW06031M00FKEA
12
1
R3
RES., CHIP, 8.66k, 1/10W, 1% 0603
VISHAY, CRCW06038K66FKEA
13
1
R5
RES., CHIP, 71.5k, 1/10W, 1% 0603
VISHAY, CRCW060371K5FKEA
14
1
U1
I.C., BUCK REG. FE-20(16)CB
LINEAR TECH. CORP., LT8630EFE#PBF
Additional Demo Board Circuit Components
1
1
C2
CAP., ALUM, 10μF, 100V
SUN ELECTRONIC, 100CE10BS
2
0
C9, C10 (OPT)
CAP., OPTION, 1210
3
0
L2 (OPT)
INDUCTOR, OPTION
4
0
R6 (OPT)
RES., OPTION, 0603
Hardware/Components (for Demo Board Only)
1
7
E1-E7
TESTPOINT, TURRET, 0.094" PBF
MILL-MAX, 2501-2-00-80-00-00-07-0
2
4
MH1-MH4
STAND-OFF, NYLON, 0.50"
KEYSTONE, 8833 (SNAP ON)



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com