Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

LT8630 Datasheet(PDF) 1 Page - Linear Technology

Part # LT8630
Description  Synchronous Micropower Step-Down High Efficiency Switching Regulator
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT8630 Datasheet(HTML) 1 Page - Linear Technology

  LT8630 Datasheet HTML 1Page - Linear Technology LT8630 Datasheet HTML 2Page - Linear Technology LT8630 Datasheet HTML 3Page - Linear Technology LT8630 Datasheet HTML 4Page - Linear Technology LT8630 Datasheet HTML 5Page - Linear Technology LT8630 Datasheet HTML 6Page - Linear Technology LT8630 Datasheet HTML 7Page - Linear Technology LT8630 Datasheet HTML 8Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
1
dc2504af
DEMO MANUAL DC2504A
DESCRIPTION
LT8630 100V, 0.6A
Synchronous Micropower Step-Down
High Efficiency Switching Regulator
Demonstration circuit 2504A is a step-down converter
featuring LT8630. The LT8630 is a monolithic, variable
frequency, current mode synchronous step-down switch-
ing regulator. The demo board is designed for 12V output
from a 13V to 100V input. The wide input range makes it
suitable for regulating power from a variety of sources,
including automotive, industrial systems and telecom
supplies. The power switch, compensation and other
necessary circuits are inside of the LT8630 to minimize
external components and simplify design.
Variable frequency boundary mode switching maximizes
efficiency across the wide input range. Figure 1 shows
the efficiency of the demo board circuit with a 48V input.
The LT8630 will deliver at least 600mA. The maximum
output current depends on VIN, VOUT and the inductor
value. Figure 2 shows the max load current at different
input voltages of the demo board.
The LT8630 switching frequency during the boundary
mode operation is determined by the inductor value, input
voltage, output voltage and output current. The frequency
versus the load current of the demo board at 48VIN is
given on Figure 3.
L
, LT, LTC, LTM, Linear Technology and the Linear logo are registered trademarks of Linear
Technology Corporation. All other trademarks are the property of their respective owners.
PERFORMANCE SUMMARY
The demo board leaves the footprint of an EMI filter on the
backside. Figure 4 shows the radiated EMI performance
of the board when an EMI filter is installed on the board.
The red line in Figure 4 is CISPR25 Class 5 peak limit. The
figure shows that the circuit passes the test with a wide
margin. The conducted EMI can be passed as well with the
right design of the filter. When input EMI filter is required,
the input voltage should be applied at VEMI, not VIN.
The LT8630 data sheet gives a complete description of
the part, operation and application information. The data
sheet must be read in conjunction with this demo manual
for Demo circuit 2504A. The LT8630 is assembled in a
20-lead TSSOP packages. Proper board layout is essential
for maximum thermal and electrical performance. See the
data sheet sections for details.
Design files for this circuit board are available at
http://www.linear.com/demo/DC2504A
Specifications are at TA = 25°C
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VIN
Input Supply Range
13
100
V
VOUT
Output Voltage
11.71
12.11
12.52
V
IOUT
Max Output Current
VIN = 48V, VOUT = 12V, L = 22μH
0.6
A
EFE
Efficiency at DC
VIN = 48V, IOUT = 0.6A
91
%


Similar Part No. - LT8630

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT8631 LINER-LT8631 Datasheet
569Kb / 24P
100V, 1A Synchronous Micropower Step-Down Regulator
LT8631 LINER-LT8631 Datasheet
2Mb / 38P
150V Low IQ, Synchronous Step-Down DC/DC Controller
LT8631 LINER-LT8631 Datasheet
2Mb / 38P
150V Low IQ, Synchronous Step-Down DC/DC Controller
logo
Analog Devices
LT8636 AD-LT8636 Datasheet
2Mb / 32P
42V, 5A/7A Peak Synchronous Step-Down Silent Switcher with 2.5關A Quiescent Current
12/20-REV.C
LT8636 AD-LT8636 Datasheet
4Mb / 40P
5V 3A Output, 42V Input USB Charger with Cable Drop Compensation and Dataline Protection
02/21-REV.A
More results

Similar Description - LT8630

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1707 LINER-LTC1707 Datasheet
213Kb / 16P
High Efficiency Monolithic Synchronous Step-Down Switching Regulator
LTC1735-1 LINER-LTC1735-1 Datasheet
332Kb / 28P
High Efficiency Synchronous Step-Down Switching Regulator
LTC1735 LINER-LTC1735 Datasheet
373Kb / 32P
High Efficiency Synchronous Step-Down Switching Regulator
LTC1707 LINER-LTC1707_1 Datasheet
222Kb / 16P
High Efficiency Monolithic Synchronous Step-Down Switching Regulator
LTC1735CF LINER-LTC1735CF Datasheet
379Kb / 32P
High Efficiency Synchronous Step-Down Switching Regulator
LTC1707 LINER-LTC1707_15 Datasheet
228Kb / 16P
High Efficiency Monolithic Synchronous Step-Down Switching Regulator
LTC1435 LINER-LTC1435_15 Datasheet
348Kb / 20P
High Efficiency Low Noise Synchronous Step-Down Switching Regulator
LTC1735 LINER-LTC1735_15 Datasheet
410Kb / 32P
High Efficiency Synchronous Step-Down Switching Regulator
LTC1735-1 LINER-LTC1735-1_15 Datasheet
353Kb / 28P
High Efficiency Synchronous Step-Down Switching Regulator
logo
New Japan Radio
NJU7690 NJRC-NJU7690 Datasheet
175Kb / 9P
High Efficiency Synchronous Step-Down switching regulator IC
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com