Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

ICS950227 Datasheet(PDF) 3 Page - Integrated Circuit Systems

Part # ICS950227
Description  Programmable Timing Control Hub for P4
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS950227 Datasheet(HTML) 3 Page - Integrated Circuit Systems

  ICS950227 Datasheet HTML 1Page - Integrated Circuit Systems ICS950227 Datasheet HTML 2Page - Integrated Circuit Systems ICS950227 Datasheet HTML 3Page - Integrated Circuit Systems ICS950227 Datasheet HTML 4Page - Integrated Circuit Systems ICS950227 Datasheet HTML 5Page - Integrated Circuit Systems ICS950227 Datasheet HTML 6Page - Integrated Circuit Systems ICS950227 Datasheet HTML 7Page - Integrated Circuit Systems ICS950227 Datasheet HTML 8Page - Integrated Circuit Systems ICS950227 Datasheet HTML 9Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
3
Integrated
Circuit
Systems, Inc.
ICS950227
0641D—07/03/03
Host Swing Select Functions
Maximum Allowed Current
Truth Table
n
o
i
t
i
d
n
o
C
n
o
i
t
p
m
u
s
n
o
c
y
l
p
p
u
s
V
3
.
3
x
a
M
,
s
d
a
o
l
p
a
c
e
t
e
r
c
s
i
d
x
a
M
V
5
6
4
.
3
=
d
d
V
D
N
G
r
o
d
d
V
=
s
t
u
p
n
i
c
i
t
a
t
s
ll
A
e
d
o
M
n
w
o
d
r
e
w
o
P
)
0
=
#
N
W
D
R
W
P
(
A
m
0
4
e
v
i
t
c
A
l
l
u
F
A
m
0
6
3
2
S
F1
S
F0
S
F
U
P
C
)
z
H
M
(
)
0
:
5
(
6
6
V
3
)
z
H
M
(
F
_
I
C
P
I
C
P
)
z
H
M
(
0
F
E
R
)
z
H
M
(
T
O
D
/
B
S
U
)
z
H
M
(
00
0
6
6
.
6
66
6
.
6
63
3
.
3
38
1
3
.
4
10
0
.
8
4
00
1
0
0
.
0
0
16
6
.
6
63
3
.
3
38
1
3
.
4
10
0
.
8
4
01
0
0
0
.
0
0
26
6
.
6
63
3
.
3
38
1
3
.
4
10
0
.
8
4
01
1
3
3
.
3
3
16
6
.
6
63
3
.
3
38
1
3
.
4
10
0
.
8
4
d
i
M0
0
e
t
a
t
s
i
r
Te
t
a
t
s
i
r
Te
t
a
t
s
i
r
Te
t
a
t
s
i
r
Te
t
a
t
s
i
r
T
d
i
M0
1
2
/
K
L
C
T4
/
K
L
C
T8
/
K
L
C
TK
L
C
T2
/
K
L
C
T
d
i
M1
0
d
e
v
r
e
s
e
Rd
e
v
r
e
s
e
Rd
e
v
r
e
s
e
Rd
e
v
r
e
s
e
Rd
e
v
r
e
s
e
R
d
i
M1
1
d
e
v
r
e
s
e
Rd
e
v
r
e
s
e
Rd
e
v
r
e
s
e
Rd
e
v
r
e
s
e
Rd
e
v
r
e
s
e
R
0
L
E
S
I
T
L
U
M
t
e
g
r
a
T
d
r
a
o
B
Z
m
r
e
T
/
e
c
a
r
T
,
R
e
c
n
e
r
e
f
e
R
=
f
e
r
I
V
D
D
)
r
R
*
3
(
/
t
u
p
t
u
O
t
n
e
r
r
u
C
Z
@
h
o
V
1s
m
h
o
0
5
,
%
1
5
7
4
=
r
R
A
m
2
3
.
2
=
f
e
r
I
F
E
R
I
*
6
=
h
o
I0
5
@
V
7
.
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com