Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

ICS950227 Datasheet(PDF) 6 Page - Integrated Circuit Systems

Part # ICS950227
Description  Programmable Timing Control Hub for P4
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS950227 Datasheet(HTML) 6 Page - Integrated Circuit Systems

Back Button ICS950227 Datasheet HTML 2Page - Integrated Circuit Systems ICS950227 Datasheet HTML 3Page - Integrated Circuit Systems ICS950227 Datasheet HTML 4Page - Integrated Circuit Systems ICS950227 Datasheet HTML 5Page - Integrated Circuit Systems ICS950227 Datasheet HTML 6Page - Integrated Circuit Systems ICS950227 Datasheet HTML 7Page - Integrated Circuit Systems ICS950227 Datasheet HTML 8Page - Integrated Circuit Systems ICS950227 Datasheet HTML 9Page - Integrated Circuit Systems ICS950227 Datasheet HTML 10Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 17 page
background image
6
Integrated
Circuit
Systems, Inc.
ICS950227
0641D—07/03/03
I
2C Table: Output Control Register
Pin #
Name
Control Function
Type
0
1
PWD
Bit 7
RESERVED
RESERVED
-
-
-
0
Bit 6
RESERVED
RESERVED
`
-
-
0
Bit 5
3V66_0
Output Control
RW
Disable
Enable
1
Bit 4
3V66_1/VHC_CLK
Output Control
RW
Disable
Enable
1
Bit 3
3V66_5
Output Control
RW
Disable
Enable
1
Bit 2
3V66_4
Output Control
RW
Disable
Enable
1
Bit 1
3V66_3
Output Control
RW
Disable
Enable
1
Bit 0
3V66_2
Output Control
RW
Disable
Enable
1
I
2C Table: Output Control and Fix Frequecy Register
Pin #
Name
Control Function
Type0
1
PWD
Bit 7
RESERVED
-
-
-
-
0
Bit 6
RESERVED
-
-
-
-
0
Bit 5
RESERVED
-
-
-
-
0
Bit 4
RESERVED
-
-
-
-
0
Bit 3
RW
0
Bit 2
RW
0
Bit 1
RW
0
Bit 0
RW
0
I
2C Table: Vendor & Revision ID Register
Pin #
Name
Control Function
Type
0
1
PWD
Bit 7
RID3
R
-
-
1
Bit 6
RID2
R
-
-
1
Bit 5
RID1
R
-
-
1
Bit 4
RID0
R
-
-
1
Bit 3
VID3
R
-
-
1
Bit 2
VID2
R
-
-
1
Bit 1
VID1
R
-
-
1
Bit 0
VID0
R
-
-
1
I
2C Table: DEVICE ID
Pin #
Name
Control Function
Type
0
1
PWD
Bit 7
R-
-
0
Bit 6
R-
-
0
Bit 5
R-
-
0
Bit 4
R-
-
0
Bit 3
R-
-
0
Bit 2
R-
-
0
Bit 1
R-
-
0
Bit 0
R-
-
1
Byte 7
-
-
-
-
-
-
-
-
Byte 6
-
REVISION ID
-
-
-
39
48MHz_USB
USB EDGE RATE
CONTROL
00= MEDIUM (DEFAULT)
01= LOW
10= HIGH
Byte 5
22
24
23
33
35
Byte 4
-
-
21
-
-
-
-
-
-
-
-
38
00= MEDIUM (DEFAULT)
10= LOW
01= HIGH
48MHz_DOT
DOT CLOCK EDGE
RATE CONTROL
VENDOR ID



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com