Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

ICS950227 Datasheet(PDF) 7 Page - Integrated Circuit Systems

Part # ICS950227
Description  Programmable Timing Control Hub for P4
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS950227 Datasheet(HTML) 7 Page - Integrated Circuit Systems

Back Button ICS950227 Datasheet HTML 3Page - Integrated Circuit Systems ICS950227 Datasheet HTML 4Page - Integrated Circuit Systems ICS950227 Datasheet HTML 5Page - Integrated Circuit Systems ICS950227 Datasheet HTML 6Page - Integrated Circuit Systems ICS950227 Datasheet HTML 7Page - Integrated Circuit Systems ICS950227 Datasheet HTML 8Page - Integrated Circuit Systems ICS950227 Datasheet HTML 9Page - Integrated Circuit Systems ICS950227 Datasheet HTML 10Page - Integrated Circuit Systems ICS950227 Datasheet HTML 11Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 17 page
background image
7
Integrated
Circuit
Systems, Inc.
ICS950227
0641D—07/03/03
I
2C Table: Byte Count Register
Pin #
Name
Control Function
Type
0
1
PWD
Bit 7
BC7
RW
-
-
0
Bit 6
BC6
RW
-
-
0
Bit 5
BC5
RW
-
-
0
Bit 4
BC4
RW
-
-
0
Bit 3
BC3
RW
-
-
1
Bit 2
BC2
RW
-
-
1
Bit 1
BC1
RW
-
-
1
Bit 0
BC0
RW
-
-
1
I
2C Table: Watchdog Timer Register
Pin #
Name
Control Function
Type
0
1
PWD
Bit 7
RESERVED
RESERVED
RW
-
-
0
Bit 6
RESERVED
RESERVED
RW
-
-
0
Bit 5
RESERVED
RESERVED
RW
-
-
0
Bit 4
WD4
RW
-
-
0
Bit 3
WD3
RW
-
-
1
Bit 2
WD2
RW
-
-
0
Bit 1
WD1
RW
-
-
1
Bit 0
WD0
RW
-
-
0
I
2C Table: VCO Control Select Bit & WD Timer Control Register
Bit 6
WDEN
Watchdog Enable
RW
OFF
ON
0
Bit 4
WD SS EN
RW
-
-
0
Bit 3
WD MultSEL
RW
-
-
0
Bit 2
WD FS2
RW
-
-
0
Bit 1
WD FS1
RW
-
-
0
Bit 0
WD FS0
RW
-
-
0
I
2C Table: VCO Frequency Control Register
Pin #
Name
Control Function
Type
0
1
PWD
Bit 7
N Div8
N Divider Bit 8
RW
-
-
X
Bit 6
M Div6
RW
-
-
X
Bit 5
M Div5
RW
-
-
X
Bit 4
M Div4
RW
-
-
X
Bit 3
M Div3
RW
-
-
X
Bit 2
M Div2
RW
-
-
X
Bit 1
M Div1
RW
-
-
X
Bit 0
M Div0
RW
-
-
X
The decimal
representation of M Div
(6:0) is equal to
reference divider value.
Default at power up =
latch-in or Byte 0 Rom
table.
-
-
-
-
-
-
-
0
-
Writing to these bit will
configure the safe
frequency configuration
-
-
-
WD Safe Frequency
Mode
RW
Latched
FS/Byte0
WD B10
b(4:0)
-
Bit 5
-WDFSEN
RW
Latched
Input
IIC Prog.
B(11:17)
0
Bit 7
-M/NEN
M/N Programming
Enable
Type
0
1
PWD
Byte 10
Pin #
Name
Control Function
These bits represent
X*290ms the watchdog
timer will wait before it
goes to alarm mode.
Default is10X 290ms
=2.9seconds
-
-
-
-
Writing to this register
will configure how
many bytes will be read
back, default is 0F = 15
bytes.
-
-
-
-
-
-
-
Byte 8
-
-
-
Byte 11
Byte 9
-
-
-
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com