Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

ICS950227 Datasheet(PDF) 1 Page - Integrated Circuit Systems

Part # ICS950227
Description  Programmable Timing Control Hub for P4
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS950227 Datasheet(HTML) 1 Page - Integrated Circuit Systems

  ICS950227 Datasheet HTML 1Page - Integrated Circuit Systems ICS950227 Datasheet HTML 2Page - Integrated Circuit Systems ICS950227 Datasheet HTML 3Page - Integrated Circuit Systems ICS950227 Datasheet HTML 4Page - Integrated Circuit Systems ICS950227 Datasheet HTML 5Page - Integrated Circuit Systems ICS950227 Datasheet HTML 6Page - Integrated Circuit Systems ICS950227 Datasheet HTML 7Page - Integrated Circuit Systems ICS950227 Datasheet HTML 8Page - Integrated Circuit Systems ICS950227 Datasheet HTML 9Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
Integrated
Circuit
Systems, Inc.
ICS950227
0641D—07/03/03
Block Diagram
Pin Configuration
56-Pin 300-mil SSOP
Frequency Table
Recommended Application:
CK-408 clock Intel® 845 with P4 processor.
Output Features:
•
3 Differential CPU Clock Pairs @ 3.3V
•
7 PCI (3.3V) @ 33.3MHz
•
3 PCI_F (3.3V) @ 33.3MHz
•
1 USB (3.3V) @ 48MHz
•
1 DOT (3.3V) @ 48MHz
•
1 REF (3.3V) @ 14.318MHz
•
5 3V66 (3.3V) @ 66.6MHz
•
1 VCH/3V66 (3.3V) @ 48MHz or 66.6MHz
Features/Benefits:
•
Programmable output frequency.
•
Programmable output divider ratios.
•
Programmable output rise/fall time.
•
Programmable output skew.
•
Programmable spread percentage for EMI control.
•
Watchdog timer technology to reset system
if system malfunctions.
•
Programmable watch dog safe frequency.
•
Support I
2C Index read/write and block read/write
operations.
•
Uses external 14.318MHz crystal.
Key Specifications:
•
CPU Output Jitter <150ps
•
3V66 Output Jitter <250ps
•
CPU Output Skew <100ps
* These inputs have 150K internal pull-up resistor to VDD.
Programmable Timing Control Hub™ for P4™
2
S
F1
S
F0
S
F
U
P
C
)
z
H
M
(
6
6
V
3
)
z
H
M
(
]
0
:
2
[
f
f
u
B
6
6
]
2
:
4
[
6
6
V
3
)
z
H
M
(
F
_
I
C
P
I
C
P
)
z
H
M
(
00
0
6
6
.
6
66
6
.
6
66
6
.
6
63
3
.
3
3
00
1
0
0
.
0
0
16
6
.
6
66
6
.
6
63
3
.
3
3
01
0
0
0
.
0
0
26
6
.
6
66
6
.
6
63
3
.
3
3
01
1
3
3
.
3
3
16
6
.
6
66
6
.
6
63
3
.
3
3
d
i
M0
0
e
t
a
t
s
i
r
Te
t
a
t
s
i
r
Te
t
a
t
s
i
r
Te
t
a
t
s
i
r
T
d
i
M0
1
2
/
K
L
C
T4
/
K
L
C
T4
/
K
L
C
T8
/
K
L
C
T
d
i
M1
0
d
e
v
r
e
s
e
Rd
e
v
r
e
s
e
Rd
e
v
r
e
s
e
Rd
e
v
r
e
s
e
R
d
i
M1
1
d
e
v
r
e
s
e
Rd
e
v
r
e
s
e
Rd
e
v
r
e
s
e
Rd
e
v
r
e
s
e
R
VDDREF
1
56 REF
X1
2
55 FS1
X2
3
54 FS0
GND
4
53 CPU_STOP#*
PCICLK_F0
5
52 CPUCLKT0
PCICLK_F1
6
51 CPUCLKC0
PCICLK_F2
7
50 VDDCPU
VDDPCI
8
49 CPUCLKT1
GND
9
48 CPUCLKC1
PCICLK0 10
47 GND
PCICLK1 11
46 VDDCPU
PCICLK2 12
45 CPUCLKT2
PCICLK3 13
44 CPUCLKC2
VDDPCI 14
43 MULTSEL0*
GND 15
42 IREF
PCICLK4 16
41 GND
PCICLK5 17
40 FS2
PCICLK6 18
39 48MHz_USB
VDD3V66 19
38 48MHz_DOT
GND 20
37 VDD48
3V66_2 21
36 GND
3V66_3 22
35 3V66_1/VCH_CLK
3V66_4 23
34 PCI_STOP#*
3V66_5 24
33 3V66_0
*PD# 25
32 VDD3V66
VDDA 26
31 GND
GND 27
30 SCLK
Vtt_PWRGD# 28
29 SDATA
PLL2
PLL1
Spread
Spectrum
48MHz_USB
PCICLK (6:0)
3V66 (5:2,0)
48MHz_DOT
3V66_1/VCH_CLK
X1
WDEN
XTAL
OSC
CPU
DIVDER
PCI
DIVDER
3V66
DIVDER
PD#
CPU_STOP#
PCI_STOP#
MULTSEL0
SDATA
SCLK
Vtt_PWRGD#
FS (2:0)
I REF
Control
Logic
Config.
Reg.
REF
3
3
7
5
3
CPUCLKT (2:0)
CPUCLKC (2:0)
PCICLK_F (2:0)
Stop
Stop


Similar Part No. - ICS950227

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ICS950227 RENESAS-ICS950227 Datasheet
314Kb / 18P
Programmable Timing Control Hub™ for P4™
07/03/03
ICS950227YFT RENESAS-ICS950227YFT Datasheet
314Kb / 18P
Programmable Timing Control Hub™ for P4™
07/03/03
More results

Similar Description - ICS950227

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS950201 ICST-ICS950201 Datasheet
206Kb / 16P
Programmable Timing Control Hub??for P4?
ICS950905 ICST-ICS950905 Datasheet
206Kb / 18P
Programmable Timing Control Hub??for P4?
ICS950910 ICST-ICS950910 Datasheet
183Kb / 20P
Programmable Timing Control Hub for P4
ICS950908 ICST-ICS950908 Datasheet
279Kb / 22P
Programmable Timing Control Hub??for P4?
ICS950902 ICST-ICS950902 Datasheet
184Kb / 20P
Programmable Timing Control Hub??for P4?
ICS950703 ICST-ICS950703 Datasheet
158Kb / 24P
PROGRAMMABLE TIMING CONTROL HUB FOR P4
ICS950208 ICST-ICS950208 Datasheet
133Kb / 19P
Programmable Timing Control Hub for P4
ICS950220 ICST-ICS950220 Datasheet
170Kb / 20P
Programmable Timing Control Hub??for P4?
logo
Integrated Device Techn...
ICS950910 IDT-ICS950910 Datasheet
218Kb / 21P
Programmable Timing Control Hub??for P4?
logo
Integrated Circuit Solu...
ICS950220AFLFT ICSI-ICS950220AFLFT Datasheet
238Kb / 20P
Programmable Timing Control Hub??for P4?
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com