Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

IXRFD631 Datasheet(PDF) 1 Page - IXYS Corporation

Part # IXRFD631
Description  30 A Low-Side RF MOSFET Driver
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXRFD631 Datasheet(HTML) 1 Page - IXYS Corporation

  IXRFD631 Datasheet HTML 1Page - IXYS Corporation IXRFD631 Datasheet HTML 2Page - IXYS Corporation IXRFD631 Datasheet HTML 3Page - IXYS Corporation IXRFD631 Datasheet HTML 4Page - IXYS Corporation IXRFD631 Datasheet HTML 5Page - IXYS Corporation IXRFD631 Datasheet HTML 6Page - IXYS Corporation IXRFD631 Datasheet HTML 7Page - IXYS Corporation IXRFD631 Datasheet HTML 8Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
1
30 A Low-Side RF MOSFET Driver
IXRFD631
Features
High Peak Output Current
Low Output Impedance
Low Quiescent Supply Current
Low Propagation Delay
High Capacitive Load Drive Capability
Wide Operating Voltage Range
Kelvin Ground
Applications
RF MOSFET Driver
Class D and E RF Generators
Multi-MHz Switch Mode Supplies
Pulse Transformer Driver
Pulse Laser Diode Driver
Pulse Generator
Description
The IXRFD631 is a CMOS high-
speed, high-current gate driver
specifically designed to drive
MOSFETs in Class D and E HF
RF applications as well as other
applications requiring ultrafast rise
and fall times or short minimum
pulse widths. The IXRFD631 is an
improved version of the IXRFD630 with a Kelvin ground
connection on the input side to allow use of a common
mode choke to avoid problems with ground bounce. It can
source and sink 30 A of peak current while producing volt-
age rise and fall times of less than 4 ns and minimum pulse
widths of 8 ns. The input of the driver is compatible with +5
V or CMOS and is fully immune to latch up over the entire
operating range. Designed with small internal delays, cross
conduction or current shoot-through is virtually eliminated.
The features and wide safety margin in operating voltage
and power make the IXRFD631 unmatched in performance
and value.
The surface mount IXRFD631 is packaged in a low-
inductance RF package incorporating advanced layout
techniques to minimize stray lead inductances for optimum
switching performance.
IN
OUT
0
0
1
1
Fig. 1- Block Diagram and Truth Table


Similar Part No. - IXRFD631

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
IXRFD631 IXYS-IXRFD631 Datasheet
803Kb / 7P
IXZ318N50 MOSFET and IXRFD631 Gate Driver Module
More results

Similar Description - IXRFD631

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
DEIC420 IXYS-DEIC420 Datasheet
156Kb / 7P
20 Ampere Low-Side Ultrafast RF MOSFET Driver
IXDN430 IXYS-IXDN430 Datasheet
781Kb / 12P
30 Amp Low-Side Ultrafast MOSFET / IGBT Driver
logo
STMicroelectronics
PM8834 STMICROELECTRONICS-PM8834 Datasheet
330Kb / 18P
4 A dual low side MOSFET driver
13-Oct-2008
logo
IXYS Corporation
DEIC515 IXYS-DEIC515 Datasheet
188Kb / 9P
15 Ampere Low-Side Ultrafast RF MOSFET Driver
IXDN430MCI IXYS-IXDN430MCI Datasheet
619Kb / 12P
30 Amp Low-Side Ultrafast MOSFET / IGBT Driver
IXRFD615 IXYS-IXRFD615 Datasheet
1Mb / 8P
15 A Low-Side RF MOSFET Driver
IXRFD615X2 IXYS-IXRFD615X2 Datasheet
708Kb / 8P
15 A Dual Low-Side RF MOSFET Driver
IXRFD630 IXYS-IXRFD630 Datasheet
255Kb / 8P
30 A Low-Side RF MOSFET Driver
IXRFDSM607X2 IXYS-IXRFDSM607X2 Datasheet
1Mb / 10P
15 A Low-Side RF MOSFET Driver
logo
STMicroelectronics
RHRPM4424 STMICROELECTRONICS-RHRPM4424 Datasheet
1Mb / 31P
Rad-hard 4.5 A dual low-side MOSFET driver
07-Feb-2019
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com