Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

IXRFD631 Datasheet(PDF) 4 Page - IXYS Corporation

Part # IXRFD631
Description  30 A Low-Side RF MOSFET Driver
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXRFD631 Datasheet(HTML) 4 Page - IXYS Corporation

  IXRFD631 Datasheet HTML 1Page - IXYS Corporation IXRFD631 Datasheet HTML 2Page - IXYS Corporation IXRFD631 Datasheet HTML 3Page - IXYS Corporation IXRFD631 Datasheet HTML 4Page - IXYS Corporation IXRFD631 Datasheet HTML 5Page - IXYS Corporation IXRFD631 Datasheet HTML 6Page - IXYS Corporation IXRFD631 Datasheet HTML 7Page - IXYS Corporation IXRFD631 Datasheet HTML 8Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
4
30 A Low-Side RF MOSFET Driver
IXRFD631
Supply Current vs Load Capacitance
Vcc = 8V
0
0.5
1
1.5
2
2.5
0
1
2
3
4
Load Capacitance (nF)
25 MHz
5 MHz
10 MHz
20 MHz
Supply Current vs Load Capacitance
Vcc = 12V
0
0.5
1
1.5
2
2.5
3
3.5
0
1
2
3
4
Load Capacitance (nF)
5 MHz
10 MHz
20 MHz
25 MHz
Supply Current vs Load Capacitance
Vcc = 15V
0
0.5
1
1.5
2
2.5
3
3.5
4
0
1
2
3
4
Load Capacitance (nF)
25 MHz
20 MHz
10 MHz
5 MHz
Supply Current vs. Frequency
Vcc = 15V
0
1
2
3
4
5
6
7
8
0
10
20
30
40
Frequency (MHz)
C = 1nF
C = 2nF
C = 3nF
C = 4nF
Supply Current vs. Frequency
Vcc = 12V
0
1
2
3
4
5
6
0
10
20
30
40
Frequency (MHz)
C = 1nF
C = 2nF
C = 3nF
C = 4nF
Supply Current vs. Frequency
Vcc = 8V
0
0.5
1
1.5
2
2.5
3
3.5
0
10
20
30
40
Frequency (MHz)
C = 1nF
C = 2nF
C = 3nF
C = 4nF
Fig, 8
Fig, 9
Fig, 10
Fig, 11
Fig, 12
Fig, 13



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com